Electronic Components Datasheet Search
  English  ▼

X  

MAX25405 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX25405
Description  IR Gesture Sensor with Lens for Automotive Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25405 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX25405 Datasheet HTML 17Page - Maxim Integrated Products MAX25405 Datasheet HTML 18Page - Maxim Integrated Products MAX25405 Datasheet HTML 19Page - Maxim Integrated Products MAX25405 Datasheet HTML 20Page - Maxim Integrated Products MAX25405 Datasheet HTML 21Page - Maxim Integrated Products MAX25405 Datasheet HTML 22Page - Maxim Integrated Products MAX25405 Datasheet HTML 23Page - Maxim Integrated Products MAX25405 Datasheet HTML 24Page - Maxim Integrated Products MAX25405 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
BITFIELD
BITS
DESCRIPTION
DECODE
TIM
3:1
Integration Time
The 3 bits of TIM[2:0] set the integration time for
the ADC conversion, as shown below.
TIM[2:0]
LED Pulse Width
(clock counts)
Integration
Time (µs)
000
16
6.25
001
32
12.5
010
64
25.0
011
128
50.0
100
256
100
101
512
200
110
1024
400
111
2048
800
SEQ CONFIGURATION 2 (0x4)
BIT
7
6
5
4
3
2
1
0
Field
NRPT[2:0]
NCDS[2:0]
CDSMODE
–
Reset
0b100
0b100
0b0
–
Access
Type
Write, Read
Write, Read
Write, Read
–
BITFIELD
BITS
DESCRIPTION
DECODE
NRPT
7:5
Number of Repeats
NRPT[2:0] sets the number of times the CDS
sequence is repeated. Each repeat of the CDS
sequence is identical to the previous—there is a
single ALC pulse followed by one or more CDS A/
B pairs, as set by NCDS[2:0]. The integration
counters are not reset during this repetitive
sequence; they continue to accumulate the count.
NRPT[2:0]
Number of CDS sequences
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
MAX25405
IR Gesture Sensor with Lens for Automotive
Applications
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com