Electronic Components Datasheet Search
  English  ▼

X  

MAX22444 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22444
Description  Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22444 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22444 Datasheet HTML 1Page - Maxim Integrated Products MAX22444 Datasheet HTML 2Page - Maxim Integrated Products MAX22444 Datasheet HTML 3Page - Maxim Integrated Products MAX22444 Datasheet HTML 4Page - Maxim Integrated Products MAX22444 Datasheet HTML 5Page - Maxim Integrated Products MAX22444 Datasheet HTML 6Page - Maxim Integrated Products MAX22444 Datasheet HTML 7Page - Maxim Integrated Products MAX22444 Datasheet HTML 8Page - Maxim Integrated Products MAX22444 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Notes 1, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Side B Supply Current
(MAX22445_)
(Note 2)
IDDB
500kHz square
wave, CL = 0pF
VDDB = 5V
1.03
1.80
mA
VDDB = 3.3V
1.01
1.76
VDDB = 2.5V
1.01
1.75
VDDB = 1.8V
0.98
1.61
12.5MHz square
wave, CL = 0pF
VDDB = 5V
2.13
3.09
VDDB = 3.3V
1.80
2.70
VDDB = 2.5V
1.66
2.54
VDDB = 1.8V
1.53
2.27
50MHz square
wave, CL = 0pF
VDDB = 5V
5.41
6.88
VDDB = 3.3V
4.11
5.41
VDDB = 2.5V
3.58
4.78
VDDB = 1.8V
3.11
4.11
Side A Supply Current
(MAX22446_)
(Note 2)
IDDA
500kHz square
wave, CL = 0pF
VDDA = 5V
0.87
1.53
mA
VDDA = 3.3V
0.85
1.49
VDDA = 2.5V
0.84
1.49
VDDA = 1.8V
0.82
1.30
12.5MHz square
wave, CL = 0pF
VDDA = 5V
1.98
2.89
VDDA = 3.3V
1.75
2.61
VDDA = 2.5V
1.65
2.49
VDDA = 1.8V
1.55
2.20
50MHz square
wave, CL = 0pF
VDDA = 5V
5.15
6.69
VDDA = 3.3V
4.25
5.66
VDDA = 2.5V
3.88
5.22
VDDA = 1.8V
3.52
4.60
Side B Supply Current
(MAX22446_)
(Note 2)
IDDB
500kHz square
wave, CL = 0pF
VDDB = 5V
0.87
1.53
mA
VDDB = 3.3V
0.85
1.49
VDDB = 2.5V
0.84
1.49
VDDB = 1.8V
0.82
1.30
12.5MHz square
wave, CL = 0pF
VDDB = 5V
1.98
2.89
VDDB = 3.3V
1.75
2.61
VDDB = 2.5V
1.65
2.49
VDDB = 1.8V
1.55
2.20
50MHz square
wave, CL = 0pF
VDDB = 5V
5.15
6.69
VDDB = 3.3V
4.25
5.66
VDDB = 2.5V
3.88
5.22
VDDB = 1.8V
3.52
4.60
MAX22444–MAX22446
Reinforced, Fast, Low-Power,
Four-Channel Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 4
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com