Electronic Components Datasheet Search
  English  ▼

X  

MAX22246 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22246
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22246 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22246 Datasheet HTML 1Page - Maxim Integrated Products MAX22246 Datasheet HTML 2Page - Maxim Integrated Products MAX22246 Datasheet HTML 3Page - Maxim Integrated Products MAX22246 Datasheet HTML 4Page - Maxim Integrated Products MAX22246 Datasheet HTML 5Page - Maxim Integrated Products MAX22246 Datasheet HTML 6Page - Maxim Integrated Products MAX22246 Datasheet HTML 7Page - Maxim Integrated Products MAX22246 Datasheet HTML 8Page - Maxim Integrated Products MAX22246 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MAX22245/MAX22246
Reinforced, Fast, Low-Power,
Two-Channel Digital Isolators
www.maximintegrated.com
Maxim Integrated | 4
Electrical Characteristics
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Notes 1, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE
Supply Voltage
VDDA
Relative to GNDA
1.71
5.5
V
VDDB
Relative to GNDB
1.71
5.5
Undervoltage-Lockout
Threshold
VUVLO_
VDD_ rising
1.5
1.6
1.66
V
Undervoltage-Lockout
Threshold Hysteresis
VUVLO_HYST
45
mV
MAX22245 SUPPLY CURRENT (Note 2)
Side A Supply Current
IDDA
500kHz square
wave, CL = 0pF
VDDA = 5V
0.31
0.57
mA
VDDA = 3.3V
0.30
0.56
VDDA = 2.5V
0.30
0.56
VDDA = 1.8V
0.29
0.41
50MHz square
wave, CL = 0pF
VDDA = 5V
2.38
3.25
VDDA = 3.3V
2.32
3.18
VDDA = 2.5V
2.29
3.14
VDDA = 1.8V
2.22
2.89
Side B Supply Current
IDDB
500kHz square
wave, CL = 0pF
VDDB = 5V
0.60
1.11
mA
VDDB = 3.3V
0.59
1.10
VDDB = 2.5V
0.59
1.09
VDDB = 1.8V
0.58
1.06
50MHz square
wave, CL = 0pF
VDDB = 5V
3.02
3.80
VDDB = 3.3V
2.12
2.80
VDDB = 2.5V
1.74
2.35
VDDB = 1.8V
1.42
1.95
MAX22246 SUPPLY CURRENT (Note 2)
Side A Supply Current
IDDA
500kHz square
wave, CL = 0pF
VDDA = 5V
0.46
0.84
mA
VDDA = 3.3V
0.45
0.83
VDDA = 2.5V
0.44
0.83
VDDA = 1.8V
0.44
0.74
50MHz square
wave, CL = 0pF
VDDA = 5V
2.65
3.50
VDDA = 3.3V
2.18
2.95
VDDA = 2.5V
1.98
2.72
VDDA = 1.8V
1.80
2.40
Side B Supply Current
IDDB
500kHz square
wave, CL = 0pF
VDDB = 5V
0.46
0.84
mA
VDDB = 3.3V
0.45
0.83
VDDB = 2.5V
0.44
0.83
VDDB = 1.8V
0.44
0.74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com