Electronic Components Datasheet Search
  English  ▼

X  

LADN133 Datasheet(PDF) 2 Page - Schneider Electric

Part # LADN133
Description  Auxiliary contact block, TeSys D, 1NO 3NC, front mounting, spring terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LADN133 Datasheet(HTML) 2 Page - Schneider Electric

  LADN133 Datasheet HTML 1Page - Schneider Electric LADN133 Datasheet HTML 2Page - Schneider Electric LADN133 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Complementary
Irms rated making capacity
140 A AC IEC 60947-5-1
250 A DC IEC 60947-5-1
Permissible short-time rating
100 A 140 °F (60 °C) 1 s
120 A 140 °F (60 °C) 500 ms
140 A 140 °F (60 °C) 100 ms
Protection type
GG fuse 10 A
Mechanical durability
30 Mcycles
Minimum switching current
5 mA
Minimum switching voltage
17 V
Non-overlap time
1.5 ms on de-energisation no overlap between NC and NO contact
1.5 ms on energisation no overlap between NC and NO contact
Insulation resistance
> 10 MOhm
Connections - terminals
spring terminals 2 0.00 in² (2.5 mm²)flexible without cable end
spring terminals 2 0.00 in² (2.5 mm²)rigid
Height
1.89 in (48 mm)
Width
1.73 in (44 mm)
Depth
1.65 in (42 mm)
Product Weight
0.11 lb(US) (0.05 kg)
Environment
Environmental characteristic
Normal environment
IP degree of protection
IP20 conforming to IEC 60529
Protective treatment
TH IEC 60068
Ambient Air Temperature for Storage
-76…176 °F (-60…80 °C)
Ambient Air Temperature for
Operation
23…140 °F (-5…60 °C)
Operating altitude
3000 m
Ordering and shipping details
Category
22341 - CONTACTOR,D,K,&F ACCESS
Discount Schedule
I12
GTIN
03389110821192
Nbr. of units in pkg.
1
Package weight(Lbs)
2.36 oz (67 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.57 in (4 cm)
Package 1 width
1.97 in (5 cm)
Package 1 Length
2.01 in (5.1 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
10
Package 2 Weight
23.88 oz (677 g)
Package 2 Height
2.01 in (5.1 cm)
Package 2 width
3.35 in (8.5 cm)
Package 2 Length
10.24 in (26 cm)
Unit Type of Package 3
S02
Number of Units in Package 3
80
Package 3 Weight
12.80 lb(US) (5.805 kg)
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com