Electronic Components Datasheet Search
  English  ▼

X  

IRKT26/08A Datasheet(PDF) 6 Page - International Rectifier

Part # IRKT26/08A
Description  ADD-A-pak-TM GEN V Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT26/08A Datasheet(HTML) 6 Page - International Rectifier

  IRKT26/08A Datasheet HTML 1Page - International Rectifier IRKT26/08A Datasheet HTML 2Page - International Rectifier IRKT26/08A Datasheet HTML 3Page - International Rectifier IRKT26/08A Datasheet HTML 4Page - International Rectifier IRKT26/08A Datasheet HTML 5Page - International Rectifier IRKT26/08A Datasheet HTML 6Page - International Rectifier IRKT26/08A Datasheet HTML 7Page - International Rectifier IRKT26/08A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRK.26 Series
6
Bulletin I27130 rev. G 10/02
www.irf.com
Fig. 9 - On-state Power Loss Characteristics
Fig. 8 - On-state Power Loss Characteristics
Fig. 7 - On-state Power Loss Characteristics
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1.5
K/W
2 K/W
4 K/W
3 K/W
8 K/W
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
180°
120°
90°
60°
30°
Total RMS Output Current (A)
Conduction Angle
IRK.26.. Series
Per Module
T = 125°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1 K/W
1.5 K/W
0.5
K/W
0.7
K/W
3 K/W
8 K/W
0
50
100
150
200
250
0
10
203040
50
60
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x IRK.26.. Series
Single Phase Bridge
Connected
T = 125°C
J
0
20406080
100 120 140
Maximum Allowable Ambient Temperature (°C)
0.3
K/W
0.5
K/W
0.7 K
/W
1 K/W
1.5 K/W
3 K/W
0.4
K/W
0
50
100
150
200
250
300
350
0
102030
4050
60
7080
Total Output Current (A)
120°
(Rect)
3 x IRK.26.. Series
Three Phase Bridge
Connected
T = 125°C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com