Electronic Components Datasheet Search
  English  ▼

X  

MAX38803 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX38803
Description  High-Efficiency Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38803 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX38803 Datasheet HTML 1Page - Maxim Integrated Products MAX38803 Datasheet HTML 2Page - Maxim Integrated Products MAX38803 Datasheet HTML 3Page - Maxim Integrated Products MAX38803 Datasheet HTML 4Page - Maxim Integrated Products MAX38803 Datasheet HTML 5Page - Maxim Integrated Products MAX38803 Datasheet HTML 6Page - Maxim Integrated Products MAX38803 Datasheet HTML 7Page - Maxim Integrated Products MAX38803 Datasheet HTML 8Page - Maxim Integrated Products MAX38803 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX38803
MAX38803 Evaluation Kit
Input Voltage Monitoring
VDD1 and GND1 sense points as well as J3 can be used
to monitor the input supply.
Output Voltage Monitoring
J11 and J13 monitor the output voltage. These test points
should not be used for loading. Use scopejack J14 to
monitor the output voltage ripple on an oscilloscope.
Efficiency Measurement
The following steps describe how to measure the regulator
efficiency.
1) Connect a 12V power supply to the VDD1 and GND1
banana jacks. To avoid the input voltage to drop at
high load due to power losses on connection cables
connect the sense lines of the power supply to VDD1
and GND1 headers.
2) Connect an external 1.8V, 0.1A current limited power
supply between J12-2 and ground
3) Connect the same power supply to J10-1 to enable
the regulator.
4) Connect a load to the VOUT and GND banana jacks
for better results. J8 can also be used for low currents.
5) Make sure the shunt is installed on J16 (1-2) to close
the sense line.
6) Remove all the other jumpers.
7) Connect a voltmeter to J11 or J13.
8) Turn on the power supply.
9) Measure VIN, IIN, VOUT, IOUT, VBIAS, and IBIAS.
10) Calculate the efficiency as:
Equation 3
(
)
(
)
OUT
OUT
IN
IN
BIAS
BIAS
VI
VI
V
I

×
η= 

×+
×

RSTAT
CVCC
CIN
CBST
R_SEL
C_SEL
VCCVDDH
STAT
OE
AGND
PGM
GND
SENSE-
SENSE+
VX
BST
MAX38803
ROE
RFB1
RFB2
RF
CF
LOUT
COUT
VCC
VDDH
VOUT
VREF
Kelvin Connection to Load
Figure 1. Electrical Connections to Use the External Voltage Reference Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com