Electronic Components Datasheet Search
  English  ▼

X  

AT26DF041 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT26DF041
Description  4-MEGABIT 3.0-VOLT ONLY OR 2.7-VOLT ONLY SERIAL FIRMWARE DATAFLASH-R
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF041 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT26DF041 Datasheet HTML 9Page - ATMEL Corporation AT26DF041 Datasheet HTML 10Page - ATMEL Corporation AT26DF041 Datasheet HTML 11Page - ATMEL Corporation AT26DF041 Datasheet HTML 12Page - ATMEL Corporation AT26DF041 Datasheet HTML 13Page - ATMEL Corporation AT26DF041 Datasheet HTML 14Page - ATMEL Corporation AT26DF041 Datasheet HTML 15Page - ATMEL Corporation AT26DF041 Datasheet HTML 16Page - ATMEL Corporation AT26DF041 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
3495B–DFLSH–8/05
AT26DF041
10. Input Test Waveforms and Measurement Levels
t
R, tF < 3 ns (10% to 90%)
11. Output Test Load
12. AC Waveforms
Two different timing diagrams are shown below. Waveform 1 shows timing that is compatible
with SPI Mode 0, and Waveform 2 shows timing that is compatible with SPI Mode 3. The setup
and hold times for the SI signal are referenced to the low-to-high transition on the SCK signal.
Figure 12-1. Waveform 1 – SPI Mode 0
Figure 12-2. Waveform 2 – SPI Mode 3
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
2.0
0.8
2.4V
DEVICE
UNDER
TEST
30 pF
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com