Electronic Components Datasheet Search
  English  ▼

X  

24CS512TE/SM Datasheet(PDF) 51 Page - Microchip Technology

Part # 24CS512TE/SM
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512TE/SM Datasheet(HTML) 51 Page - Microchip Technology

Back Button 24CS512TE/SM Datasheet HTML 47Page - Microchip Technology 24CS512TE/SM Datasheet HTML 48Page - Microchip Technology 24CS512TE/SM Datasheet HTML 49Page - Microchip Technology 24CS512TE/SM Datasheet HTML 50Page - Microchip Technology 24CS512TE/SM Datasheet HTML 51Page - Microchip Technology 24CS512TE/SM Datasheet HTML 52Page - Microchip Technology 24CS512TE/SM Datasheet HTML 53Page - Microchip Technology 24CS512TE/SM Datasheet HTML 54Page - Microchip Technology 24CS512TE/SM Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
 2018-2021 Microchip Technology Inc.
DS20005769C-page 51
24CS512
0.15 C D
2X
NOTE 1
12
N
TOP VIEW
SIDE VIEW
Microchip Technology Drawing C04-091-OT Rev F Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
0.20 C
C
SEATING PLANE
A
A2
A1
e
NX b
B
0.20
C A-B D
e1
D
E1
E1/2
E/2
E
D
A
0.20 C 2X
(DATUM D)
(DATUM A-B)
A
A
SEE SHEET 2
5-Lead Plastic Small Outline Transistor (OT) [SOT23]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66