Electronic Components Datasheet Search
  English  ▼

X  

TLV840 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV840
Description  TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV840 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV840 Datasheet HTML 12Page - Texas Instruments TLV840 Datasheet HTML 13Page - Texas Instruments TLV840 Datasheet HTML 14Page - Texas Instruments TLV840 Datasheet HTML 15Page - Texas Instruments TLV840 Datasheet HTML 16Page - Texas Instruments TLV840 Datasheet HTML 17Page - Texas Instruments TLV840 Datasheet HTML 18Page - Texas Instruments TLV840 Datasheet HTML 19Page - Texas Instruments TLV840 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
9.2.1.1 Design Requirements
This design requires voltage supervision on two separate rails: 3.3-V and 1.2-V rails. The voltage rail needs to
sequence upon power up with the 3.3-V rail coming up first followed by the 1.2-V rail at least 25 ms after.
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Two Rail Voltage Supervision
Monitor 3.3-V and 1.2-V rails
Two TLV840 devices provide voltage monitoring
with 1% accuracy with device options available in
0.1 V variations
Voltage Rail Sequencing
Power up the 3.3-V rail first followed by 1.2-V rail
25 ms after
The CT capacitor on TLV840CAPL29 is set to
0.047 µF for a reset time delay of 29 ms typical
Maximum device current
consumption
1 µA
Each TLV840 requires 350 nA typical
9.2.1.2 Detailed Design Procedure
The primary constraint for this application is choosing the correct device to monitor the supply voltage of the
microprocessor. The TLV840 can monitor any voltage between 0.8 V and 5.4 V. Depending on how far away
from the nominal voltage rail the user wants the voltage supervisor to trigger determines the correct voltage
supervisor variant to choose. In this example, the first TLV840 triggers when the 3.3-V rail falls to 2.9 V. The
second TLV840 triggers a reset when the 1.2-V rail falls to 0.9 V. The secondary constraint for this application is
the reset time delay that must be at least 25 ms to allow the microprocessor, and all other devices using the
3.3-V rail, enough time to startup correctly before the 1.2-V rail is enabled via the LDO. Because a minimum time
is required, the user must account for capacitor tolerance. For applications with ambient temperatures ranging
from –40°C to +125°C, CCT can be calculated using RCT and solving for CCT in Equation 2. Solving Equation 2
for 25 ms gives a minimum capacitor value of 0.04 µF which is rounded up to a standard value 0.047 µF to
account for capacitor tolerance.
A 1 µF decoupling capacitor is connected to the VDD pin as a good analog design practice. The pull-up resistor
is only required for the Open-Drain device variants and is calculated to ensure that VOL does not exceed max
limit given the Isink possible at the expected supply voltage. In this design example nominal VDD is 1.2 V but
dropping to 0.9 V. The Recommended Operating Conditions table provides 15 µA I sink for 0.7 V VDD, which is
the closest voltage to this design example. Using 15 µA of Isink and 300 mV max VOL, gives us 40 kΩ for the
pull-up resistor. Any value higher than 40 kΩ would ensure that VOL will not exceed 300 mV max specification.
9.2.1.3 Application Curves
VDD
RESET
(LDO Enable)
V
(LDO)
OUT
30ms delay from VDD (3.3 V) to LDO Enable set by 0.047 µF on CT of TLV840CAPL29
Negligible delay from LDO Enable to 1.2 V VOUT
Figure 9-2. Startup Sequence Highlighting the Delay Between 3.3V and 1.2V Rails
TLV840
SNVSBC3C – DECEMBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com