Electronic Components Datasheet Search
  English  ▼

X  

TPS22992 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22992
Description  TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22992 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22992 Datasheet HTML 1Page - Texas Instruments TPS22992 Datasheet HTML 2Page - Texas Instruments TPS22992 Datasheet HTML 3Page - Texas Instruments TPS22992 Datasheet HTML 4Page - Texas Instruments TPS22992 Datasheet HTML 5Page - Texas Instruments TPS22992 Datasheet HTML 6Page - Texas Instruments TPS22992 Datasheet HTML 7Page - Texas Instruments TPS22992 Datasheet HTML 8Page - Texas Instruments TPS22992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................4
6.5 Electrical Characteristics (VBIAS = 5 V) .................... 5
6.6 Electrical Characteristics (VBIAS = 3.3 V) ................. 6
6.7 Electrical Characteristics (VBIAS = 1.5 V) ................. 7
6.8 Switching Characteristics (VBIAS = 5 V) ................... 8
6.9 Switching Characteristics (VBIAS = 3.3 V) ................ 8
6.10 Switching Characteristics (VBIAS = 1.5 V) .............. 9
7 Timing Diagram............................................................. 10
8 Detailed Description...................................................... 11
8.1 Overview................................................................... 11
8.2 Functional Block Diagram......................................... 11
8.3 Feature Description...................................................12
8.4 Device Functional Modes..........................................13
9 Application and Implementation.................................. 14
9.1 Application Information............................................. 14
9.2 Typical Application.................................................... 14
10 Power Supply Recommendations..............................16
11 Layout........................................................................... 17
11.1 Layout Guidelines................................................... 17
11.2 Layout Example...................................................... 17
12 Device and Documentation Support..........................18
12.1 Receiving Notification of Documentation Updates..18
12.2 Support Resources................................................. 18
12.3 Trademarks.............................................................18
12.4 Electrostatic Discharge Caution..............................18
12.5 Glossary..................................................................18
13 Mechanical, Packaging, and Orderable
Information.................................................................... 19
13.1 Tape and Reel Information......................................20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
July 2021
*
Initial Release
TPS22992
SLVSFT0 – JULY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com