Electronic Components Datasheet Search
  English  ▼

X  

DS28C40 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS28C40
Description  Logs 1-Wire/I2C Communication to Aid Firmware Designers Understanding of DS28C40
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28C40 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS28C40 Datasheet HTML 1Page - Maxim Integrated Products DS28C40 Datasheet HTML 2Page - Maxim Integrated Products DS28C40 Datasheet HTML 3Page - Maxim Integrated Products DS28C40 Datasheet HTML 4Page - Maxim Integrated Products DS28C40 Datasheet HTML 5Page - Maxim Integrated Products DS28C40 Datasheet HTML 6Page - Maxim Integrated Products DS28C40 Datasheet HTML 7Page - Maxim Integrated Products DS28C40 Datasheet HTML 8Page - Maxim Integrated Products DS28C40 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: DS28C40
DS28C40 Evaluation System
Lite Version
Quick Start
This section is intended to give the DS28C40 evaluator a
list of recommended equipment and instructions on how
to set up the Windows-based computer for the evaluation
software.
Recommended Equipment
●
DS9481P-300# USB to 1W/I2C Adapter
●
DS9121ATB+ TDFN socket board
●
DS28C40ATB/VY+ (five devices included)
●
USB Type A-to-USB Micro-Type B cable (included)
●
Computer with a Windows 10, Windows 8, or
Windows 7 operating system (64- or 32-bit) and a
spare USB 2.0 or higher port
●
Download DS28C40/DS28C40 EV kit software (light
version) or request full DS28C40/DS28E40 EV kit
developer software.
Note: In the following sections, EV kit software related
items are identified in
bold. Windows operating system
related items are identified in
bold and underline.
Hardware Setup and
Driver Installation Quick Start
The following steps were performed on a Windows 10 PC
to setup the DS28C40 EV kit hardware/software:
1) Obtain and unpack
DS28C40_DS28E40_Evalua-
tion_Kit_Lite_Version_Setup file or newer version.
2) In a file viewer, double click on the
DS28C40_
DS28E40_Evaluation_Kit_Lite_Version_Setup to
begin the installation.
Figure 1. File Viewer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com