Electronic Components Datasheet Search
  English  ▼

X  

HCPLM700 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HCPLM700
Description  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HCPLM700 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  HCPLM700 Datasheet HTML 1Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 2Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 3Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 4Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 5Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 6Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 7Page - List of Unclassifed Manufacturers HCPLM700 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 6. Non-Saturated Rise and
Fall Times vs. Load Resistance.
Figure 1. dc Transfer
Characteristics.
Figure 2. Current Transfer Ratio vs.
Forward Current.
Figure 3. Output Current vs. Input
Diode Forward Current.
Figure 5. Propagation Delay vs.
Temperature.
Figure 4. Input Diode Forward
Current vs. Forward Voltage.
0
1.0
2.0
VO – OUTPUT VOLTAGE – V
50
25
0
TA = 25°C
VCC = 5.0 V
4.0 mA
3.5 mA
3.0 mA
2.5 mA
2.0 mA
1.5 mA
1.0 mA
0.5 mA
4.5 mA
5.0 mA
IF – FORWARD CURRENT – mA
2000
1600
800
400
0.1
1.0
10
1200
0
VCC = 5.0 V
VO = 0.4 V
0° C
25° C
70° C
IF – INPUT DIODE FORWARD CURRENT – mA
100
10
0.1
0.01
0.01
0.1
1
10
1.0
TA = 70°C
TA = 25°C
TA = 0°C
VF – FORWARD VOLTAGE – V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
TA = 25°C
–
0
50
100
TA – TEMPERATURE – °C
24
12
0
10 20 30 40
60 70 80 90
2
4
6
8
10
14
16
18
20
22
26
RL = 2.2 kΩ
IF = 1.6 mA
1/f = 50 µs
tPHL
tPLH
RL – LOAD RESISTANCE – kΩ
100.0
10.0
0.1
1.0
10
1.0
TA = 25°C
(SEE FIGURE 7
FOR TEST CIRCUIT)
IF ADJUSTED FOR VOL = 2 V
tf
tr



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com