Electronic Components Datasheet Search
  English  ▼

X  

TR30 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # TR30
Description  Paperless Recorder TR30 Series PAPERLESS RECORDER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR30 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  TR30 Datasheet HTML 1Page - M-System Co.,Ltd. TR30 Datasheet HTML 2Page - M-System Co.,Ltd. TR30 Datasheet HTML 3Page - M-System Co.,Ltd. TR30 Datasheet HTML 4Page - M-System Co.,Ltd. TR30 Datasheet HTML 5Page - M-System Co.,Ltd. TR30 Datasheet HTML 6Page - M-System Co.,Ltd. TR30 Datasheet HTML 7Page - M-System Co.,Ltd. TR30 Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MODEL: TR30
TR30 SPECIFICATIONS
ES-8631 Rev.16 Page 7/8
http://www.m-system.co.jp/
• MELSEC iQ-R series
• MELSEC iQ-F series
• MELSEC Q series
■ Max. number of connectable devices
(Number of slaves)
• 12 nodes (selectable from among Modbus/TCP and SLMP
devices)
Establishes connection for the number of slaves connected.
Note) The number of connectable devices may differ
depending on the specifications of each device.
Specically, the number of slaves to be connected under
72EM2, GR8, or, WL40EW2 is limited to 8 as the max.
number of connections of the device is 8.
Note that a communication error can occur when two or
more slaves are connected under WL40EW2 as it does not
have the Cache function.
Avoid such an error by setting the Pause period (interval
between communications) longer, for example, so that
communication with one slave does not coincide with
communication with another slave.
■ Max. I/O points
• Analog input: 64 points
• Discrete input: 64 points
• Pulse input: 32 points
• Discrete output: 64 points
■ Modbus/TCP slave
Remotely monitored with SCADA. Operations such as
recording start/stop, entering comment, specifying
folder/file name for SD card transfer destination and setting
folder name for ftp transfer destination are possible from
PLC.
ALARM OUTPUT
DO designated as alarm contact output can be turned ON at
event occurrence.
EVENT REPORTING E-MAIL
Reporting e-mail function available at event or designated
time.
Encrypted communication is supported. (SMTP over SSL).
The TR30 turns a designated Do ON after transmitting the
report.
· Number of e-mail attention: 32
· Number of event report text: 32
· Number of regular report text: 1
· Channel status: AI, DI, PI, OI, DO status attachable to e-
mail
· Output at transmitting failure: 1 point
FTP CLIENT
It is available to upload the le saved in the SD card to FTP server.
STORING RATE
TRANSFER INTERVAL
5 ms
3 min.
10 ms
5 min.
50 ms
10 min., 30 min.
100 ms
10 min., 30 min., 1 hour
500 ms
30 min., 1 hour, 6 hours
1 sec.
1 hour, 6 hours, 12 hours
2 sec.
1 hour, 6 hours, 1 day
5 sec.
6 hours, 12 hours, 1 day
10 sec.
6 hours, 12 hours, 1 day
1 min.
1 day, 1 week
2 min.
1 day, 1 week
5 min.
1 day, 1 week, 1 month
10 min.
1 day, 1 week, 1 month
15 min.
1 day, 1 week, 1 month
30 min.
1 day, 1 week, 1 month
1 hour
1 week, 1 month
Note: If interval is maximum, the data is transferred at the time when 50000
points is stored.
FTP SERVER
Reading and deleting files in the SD card by an FTP client is
available.
Operation verified FTP client
• Explorer
• Web browser
Internet Explorer version 11
Chrome 57.0.2987.98
• FFFTP 1.98g
ARITHMETIC FUNCTION
Addition and subtraction, multiplication, division, square
root, moving average, delay buffer, exp, common logarithm,
natural logarithm, peak hold(max/min), analog
accumulation, power, F value calculation, inverse logarighm
and scaling are available with function input (OI).
OTHER FUNCTIONS
Configuration: Configurable with the dedicated software
model: TRGCFG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com