Electronic Components Datasheet Search
  English  ▼

X  

PLL601-15 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL601-15
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-15 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL601-15 Datasheet HTML 1Page - PhaseLink Corporation PLL601-15 Datasheet HTML 2Page - PhaseLink Corporation PLL601-15 Datasheet HTML 3Page - PhaseLink Corporation PLL601-15 Datasheet HTML 4Page - PhaseLink Corporation PLL601-15 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary
PLL601-15
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/08/02 Page 4
3. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
For XIN pin
(VDD/2)
+ 1
VDD/2
V
Input Low Voltage
VIL
For XIN pin
VDD/2
(VDD/2)
− 1
V
Output High Voltage
VOH
IOH = -25mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD-0.4
V
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±120
mA
4. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
20
30
MHz
Crystal Loading Capacitance
Rating
CL (xtal)
15
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com