Electronic Components Datasheet Search
  English  ▼

X  

EVS58-TZ Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # EVS58-TZ
Description  Singleturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

EVS58-TZ Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  EVS58-TZ Datasheet HTML 1Page - Pepperl+Fuchs Inc. EVS58-TZ Datasheet HTML 2Page - Pepperl+Fuchs Inc. EVS58-TZ Datasheet HTML 3Page - Pepperl+Fuchs Inc. EVS58-TZ Datasheet HTML 4Page - Pepperl+Fuchs Inc. EVS58-TZ Datasheet HTML 5Page - Pepperl+Fuchs Inc. EVS58-TZ Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Singleturn absolute encoder
EVS58-TZ
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
EVS58-TZ
Features
• Industrial standard
housing Ø58 mm
• Ethernet interface with TCP/IP
•16 Bit singleturn
• Integrated webserver
•Servo or clamping flange
Description
Absolute rotary encoders deliver an absolute
step value for each angle setting.
This device has a maximum basic resolution of
65536 steps per revolution (16 bits).
The Eternet interface of this absolute encoder
supports the TCP/IP protocol. The integrated
webserver provides Java applets, which allow
the whole parameterisation of the encoder via
any web browser. The following operation mo-
des can be selected:
•
Polled Mode
•
Cyclic Mode
•
Change of State Mode
The device is designed for shaft assembly and
is available in servo flange or clamping flange
design.
Technical data
General specifications
Detection type
photoelectric sampling
Device type
Singleturn absolute encoder
Functional safety related parameters
MTTFd
130 a
Mission Time (TM)
20 a
L10
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
Power consumption P0
max. 4 W
Linearity
± 0.5 LSB ( up to 12 Bit )
± 2 LSB ( up to 16 Bit )
Output code
binary code
Code course (counting direction)
programmable,
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
TCP/IP
Resolution
Single turn
up to 16 Bit
Overall resolution
up to 16 Bit
Physical
Ethernet
Transfer rate
10 MBit/s / 100 MBit/s
Connection
Connector
Ethernet: 1 socket M12 x 1, 4-pin, D-coded
Supply: 1 plug M12 x 1, 5-pin, A-coded
Standard conformity
Degree of protection
DIN EN 60529,
shaft side: IP64 (without shaft seal)/IP66 (with shaft seal)
housing side: IP65
Climatic testing
DIN EN 60068-2-3, no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 1000 Hz
Ambient conditions
Operating temperature
0 ... 60 °C (32 ... 140 °F) Standard , with Option T -40 ... 85 °C
(-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Mass
approx. 500 g
Rotational speed
max. 12000 min -1 without shaft seal
max. 3000 min -1 with shaft seal
Moment of inertia
30 gcm2
Starting torque
≤ 3 Ncm without shaft seal
≤ 5 Ncm with shaft seal
Shaft load
Axial
40 N
Radial
110 N
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source


Similar Part No. - EVS58-TZ

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
Singleturn absolute encoder
EVS58-PN PF-EVS58-PN Datasheet
424Kb / 5P
Singleturn absolute encoder
EVS58-PZ PF-EVS58-PZ Datasheet
363Kb / 4P
Singleturn absolute encoder
More results

Similar Description - EVS58-TZ

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASS58-H PF-ASS58-H Datasheet
350Kb / 7P
Singleturn absolute encoder
ASS58-K PF-ASS58-K Datasheet
392Kb / 6P
Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
Singleturn absolute encoder
BVS58 PF-BVS58 Datasheet
295Kb / 4P
Singleturn absolute encoder
CVS78E PF-CVS78E Datasheet
572Kb / 6P
Singleturn absolute encoder
DSS58 PF-DSS58 Datasheet
326Kb / 4P
Singleturn absolute encoder
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
Singleturn absolute encoder
EVS78E-P PF-EVS78E-P Datasheet
503Kb / 4P
Singleturn absolute encoder
FSS58 PF-FSS58 Datasheet
276Kb / 5P
Singleturn absolute encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com