Electronic Components Datasheet Search
  English  ▼

X  

FSS58 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FSS58
Description  Singleturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FSS58 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FSS58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FSS58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Singleturn absolute encoder
FSS58
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
FSS58
Features
• Industrial standard
housing Ø58 mm
• 13 Bit singleturn
• Output code: gray and binary
• Short-circuit proof push-pull out-
put
• Inputs for selecting counting di-
rection, LATCH, and PRESET
• Code change frequency up to 400
kHz
• Recessed hollow shaft
Description
The emphasis for this series is on rapid data trans-
fer. Position data are read directly out of the Gray
code disc. The high code switching frequency of
400 kHz is achieved by consciously avoiding the
use of a microcontroller.
The FSS58 singleturn absolute encoder is equip-
ped with a recessed hollow shaft. The encoder
housing has a diameter of 58 mm. The recessed
hollow shaft is available with diameters of 10 mm,
12 mm and 15 mm.
This version in particular represents a simple and
cost-effective mounting solution. The shaft hub
connection is already integrated into the rotary en-
coder. The rotary encoder is held in place by a
torque rest.
Technical data
Functional safety related parameters
MTTFd
120 a
Mission Time (TM)
20 a
L10h
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
No-load supply current I0
max. 140 mA
Power consumption P0
≤ 2 W , without output drivers
Linearity
± 0.5 LSB
Output code
Gray code, binary code and Gray excess code
Code course (counting direction)
cw ascending (clockwise rotation, code course ascending)
Code preparation time
0.3 ms
Interface
Interface type
Push-pull, parallel , short-circuit protected
Resolution
Single turn
13 Bit
Load current
20 mA
Voltage drop
≤ 2.5 V
Signal voltage
High
operating voltage minus voltage drop
Low
≤ 2.8 V
Rise time
300 ns
De-energized delay
300 ns
Code change frequency
400 kHz
Input 1
Input type
Selection of counting direction (cw/ccw)
Signal voltage
High
10 ... 30 V
Low
0 ... 2 V
Input current
< 6 mA
Signal duration
≥ 10 ms
Switch-on delay
≥ 1 ms
Switch-off delay
≥ 1 ms
Input 2
Input type
Temporary storage (LATCH)
Signal voltage
High
10 ... 30 V
Low
0 ... 2 V
Input current
< 6 mA
Signal duration
≥ 100 µs
Switch-on delay
< 0.1 ms
Switch-off delay
< 0.1 ms
Input 3
Input type
zero-set (PRESET)
Signal voltage
High
10 ... 30 V
Low
0 ... 2 V
Input current
< 6 mA
Signal duration
≥ 10 ms
Switch-on delay
< 1 ms
Connection
Connector
type 9424 (M23), 19-pin
Cable
Ø9 mm, 12 x 2 x 0.14 mm2, 2 m
Standard conformity
Degree of protection
DIN EN 60529, IP65
Climatic testing
DIN EN 60068-2-3, no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 85 °C (-40 ... 185 °F)
cable models:
-30 ... 70 °C (rigid wiring)
-5 ... 70 °C (flexible wiring)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F) (cable models: -5 ... 70 °C)
Mechanical specifications
Material
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 2 (Inox)
housing: stainless steel
flange: stainless steel
shaft: stainless steel
Mass
approx. 200 g (combination 1)
approx. 400 g (combination 2)
Rotational speed
max. 12000 min -1
Moment of inertia
30 gcm2
Starting torque
≤ 5 Ncm
Approvals and certificates


Similar Part No. - FSS58

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
HCMOS 5x3.2mm 2.5V SMD Oscillator
FSS53 FOX-FSS53 Datasheet
398Kb / 3P
SMD Oscillator
FSS53BCAR FOX-FSS53BCAR Datasheet
398Kb / 3P
SMD Oscillator
FSS53BCBR FOX-FSS53BCBR Datasheet
398Kb / 3P
SMD Oscillator
FSS53BCCR FOX-FSS53BCCR Datasheet
398Kb / 3P
SMD Oscillator
More results

Similar Description - FSS58

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASS58-H PF-ASS58-H Datasheet
350Kb / 7P
Singleturn absolute encoder
ASS58-K PF-ASS58-K Datasheet
392Kb / 6P
Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
Singleturn absolute encoder
BVS58 PF-BVS58 Datasheet
295Kb / 4P
Singleturn absolute encoder
CVS78E PF-CVS78E Datasheet
572Kb / 6P
Singleturn absolute encoder
DSS58 PF-DSS58 Datasheet
326Kb / 4P
Singleturn absolute encoder
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
Singleturn absolute encoder
EVS58-TZ PF-EVS58-TZ Datasheet
379Kb / 6P
Singleturn absolute encoder
EVS78E-P PF-EVS78E-P Datasheet
503Kb / 4P
Singleturn absolute encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com