Electronic Components Datasheet Search
  English  ▼

X  

AS4C14405 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4C14405
Description  1M-bit 횞 4 CMOS DRAM (Fast page mode or EDO)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C14405 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4C14405 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C14405 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
®
AS4C14400
3
Absolute maximum ratings
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
DC electrical characteristics
Shaded areas contain advance information.
Parameter
Symbol
Minimum
Maximum
Unit
Input voltage
Vin
-1.0
+7.0
V
Output voltage
Vout
-1.0
+7.0
V
Power supply voltage
VCC
-1.0
+7.0
V
Storage temperature (plastic)
TSTG
-55
+150
°C
Soldering temperature
× time
TSOLDER
–
260
× 10
oC
× sec
Power dissipation
PD
–1
W
DC output current
Iout
–50
mA
Parameter
Symbol Test Conditions
-40
-50
-60
-70
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Input leakage current
II
0V
≤ V
in ≤ +5.5V
Pins not under test = 0V
-2
+2
-2
+2
-2
+2
-2
+2
µA
Output leakage current
IOZ
Outputs disabled,
0V
≤ V
out ≤ +5.5V
-10
+10 -10
+10 -10
+10 -10
+10 µA
Operating power
supply current
ICC1
RAS, CAS, Address
cycling: tRC=min
–
90
–
80
–
70
–
60
mA
1,2
TTL standby power
supply current
ICC2
RAS = CAS = VIH
–
2.0
–
2.0
–
2.0
–
2.0
mA
Average power supply
current, RAS refresh mode
ICC3
RAS cycling, CAS = VIH,
tRC = min
–
90
–
80
–
70
–
60
mA
1
Fast page mode average
power supply current
ICC4
RAS = VIL, CAS cycling,
Address cycling:
tPC = min
–
80
–
70
–
60
–
50
mA
1,2
CMOS standby power
supply current
ICC5
RAS = CAS = VCC - 0.2V –
1.0
–
1.0
–
1.0
–
1.0
mA
CAS-before-RAS refresh
power supply current
ICC6
RAS, CAS cycling:
tRC = min
–
90
–
80
–
70
–
60
mA
1
Output voltage
VOH
IOUT = -5.0 mA
2.4
–
2.4
–2.4
–2.4
–V
VOL
IOUT = 4.2 mA
–
0.4
–
0.4
–
0.4
–
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com