Electronic Components Datasheet Search
  English  ▼

X  

1662298 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1662298
Description  Connector - SACC-M12FS-5CON-PG 7
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1662298 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1662298 Datasheet HTML 1Page - PHOENIX CONTACT 1662298 Datasheet HTML 2Page - PHOENIX CONTACT 1662298 Datasheet HTML 3Page - PHOENIX CONTACT 1662298 Datasheet HTML 4Page - PHOENIX CONTACT 1662298 Datasheet HTML 5Page - PHOENIX CONTACT 1662298 Datasheet HTML 6Page - PHOENIX CONTACT 1662298 Datasheet HTML 7Page - PHOENIX CONTACT 1662298 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1662298
08/12/2021   Page 1 / 8
Connector - SACC-M12FS-5CON-PG 7 - 1662298
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Connector, Universal, 5-position, Socket straight M12, Coding: A, Screw connection, knurl material: Plastic,
cable gland Pg7, external cable diameter 4 mm ... 6 mm
Your advantages
 Safe use in the field, thanks to a high degree of protection
 Screw connection: proven connection technology for a large selection of different conductors
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918100469
Sales Key
02
Technical data
Dimensions
Diameter housing
20 mm
Length
54 mm
External cable diameter
4 mm ... 6 mm
Stripping length of the sheath
20 mm
Stripping length of the individual wire
5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C (Plug / socket)
-40 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General
Note
NOTE: Observe the permissible bending radii when laying conductors,
since the degree of protection may be put in jeopardy if the bending


Similar Part No. - 1662298

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1662200 PHOENIX-1662200 Datasheet
192Kb / 5P
UNIFOX-MP 6-1 VDE - Multifunctional tool
1662256 PHOENIX-1662256 Datasheet
143Kb / 4P
SACC-M12MS-5CON-PG 7
1662269 PHOENIX-1662269 Datasheet
107Kb / 6P
Connector - SACC-M12MR-5CON-PG 7 - 1662269
12/22/2016
1662285 PHOENIX-1662285 Datasheet
147Kb / 4P
SACC-M12MS-5CON-PG11-DUO
More results

Similar Description - 1662298

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1553187 PHOENIX-1553187 Datasheet
259Kb / 6P
Connector - SACC-M12MS-5CON-PG 7-VA
1553213 PHOENIX-1553213 Datasheet
60Kb / 4P
Connector - SACC-M12MR-5CON-PG 7-VA
1553255 PHOENIX-1553255 Datasheet
100Kb / 4P
SACC-M12FS-5CON-PG 7-VA
1553271 PHOENIX-1553271 Datasheet
100Kb / 4P
SACC-M12FS-5CON-PG 9-VA
1553297 PHOENIX-1553297 Datasheet
60Kb / 4P
Connector - SACC-M12FR-5CON-PG 7-VA
1662968 PHOENIX-1662968 Datasheet
160Kb / 4P
SACC-M12FS-5CON-PG 7-M
1694305 PHOENIX-1694305 Datasheet
161Kb / 4P
SACC-M12FS-5CON-PG 7-SH
1662256 PHOENIX-1662256 Datasheet
143Kb / 4P
SACC-M12MS-5CON-PG 7
1662308 PHOENIX-1662308 Datasheet
1Mb / 8P
Connector - SACC-M12FR-5CON-PG 7
1694318 PHOENIX-1694318 Datasheet
161Kb / 4P
SACC-M12FS-5CON-PG 9-SH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com