Electronic Components Datasheet Search
  English  ▼

X  

A71CL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # A71CL
Description  Plug & Trust Secure Element for Alibaba Cloud
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A71CL Datasheet(HTML) 2 Page - NXP Semiconductors

  A71CL Datasheet HTML 1Page - NXP Semiconductors A71CL Datasheet HTML 2Page - NXP Semiconductors A71CL Datasheet HTML 3Page - NXP Semiconductors A71CL Datasheet HTML 4Page - NXP Semiconductors A71CL Datasheet HTML 5Page - NXP Semiconductors A71CL Datasheet HTML 6Page - NXP Semiconductors A71CL Datasheet HTML 7Page - NXP Semiconductors A71CL Datasheet HTML 8Page - NXP Semiconductors A71CL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
485030
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 24 September 2020
485031
2 of 24
NXP Semiconductors
A71CL
Plug & Trust Secure Element for Alibaba Cloud
2.
General description
2.1 A71CL naming conventions
The following table explains the naming conventions of the commercial product name of
the A71CL products. Every A71CL product gets assigned such a commercial name, which
includes also customer and application specific data.
The A71CL basic type names have the following format.
A71CLxagpp(p)
The ‘A71CL’ is a constant, all other letters are variables, which are explained in Table 1.
2.2 I2C interface
The A71CL has an I2C interface in slave mode, supporting data rates up to 400 kbit/s
operating in Fast-Mode (FM). The I2C interface is using the Smartcard I2C protocol as
defined in Ref. 3 which is based on SMBus.
Depending on the interface pins state at boot, see Section 7 “Pinning information” for
more details; the default I2C address after power-on-reset is 0x90 for Write, and 0x91 for
Read.
2.3 Security licensing
NXP Semiconductors has obtained a patent license for SPA and DPA countermeasures
from Cryptography Research Incorporated (CRI). This license covers both hardware and
software countermeasures. It is important to customers that countermeasures within the
operation system are covered under this license agreement with CRI. Further details can
be obtained on request.
Table 1.
A71CL commercial name format
Variable
Meaning
Values
Description
x
IC hardware specification
code
1
standard operational ambient temperature:
−25 °C to +85 °C
I2C interface supported
2
standard operational ambient temperature:
−40 °C to +90 °C
I2C interface supported
a
embedded operating
system code
C
Java card operating system
g
embedded application
firmware (applet) code
L
L is a fixed value = IoT security applet pre
installed
pp(p)
package type code
dd(d)= Delivery Type,
TK2= HVSON8 (4x4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com