Electronic Components Datasheet Search
  English  ▼

X  

DS4402 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4402
Description  Fully Assembled and Tested
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4402 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4402 Datasheet HTML 1Page - Maxim Integrated Products DS4402 Datasheet HTML 2Page - Maxim Integrated Products DS4402 Datasheet HTML 3Page - Maxim Integrated Products DS4402 Datasheet HTML 4Page - Maxim Integrated Products DS4402 Datasheet HTML 5Page - Maxim Integrated Products DS4402 Datasheet HTML 6Page - Maxim Integrated Products DS4402 Datasheet HTML 7Page - Maxim Integrated Products DS4402 Datasheet HTML 8Page - Maxim Integrated Products DS4402 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: DS4402/DS4404
DS4404 Evaluation Kit
*EP = Exposed pad.
DESIGNATION
QTY
DESCRIPTION
C1, C212
2
0.1μF ±10%, 100V ceramic
capacitors (0805)
TDK CGA4J2X7R2A104K
C201, C202,
C204
3
10μF ±10%, 16V ceramic
capacitors (0805)
Taiyo Yuden
EMK212ABJ106KD-T
C203, C214
2
0.01μF ±10%, 100V ceramic
capacitors (0805)
Murata GRM21BR72A103K
C211
1
1.0μF ±10%, 50V ceramic
capacitor (0805)
TDK C2012X7R1H105K/SOFT
C213
1
0.22μF ±10%, 50V ceramic
capacitor (0805)
TDK C2012X7R1H224K
C215
1
Do not populate, ceramic
capacitor
D20, D21
2
Dual red/green LEDs (0805)
Knightbright
APHBM2012SURKCGKC
D22
1
30V, 3A Schottky diode (MINI2)
Panasonic SSG DB2W31900L
HDR1
1
6-pin, dual-row header
3M 961206-6404-AR
J20
1
USB micro-B receptacle
Molex 105017-0001
J21
1
2-pin, single-row header
3M 961102-6404-AR
R1, R2, R210
3
4.7kΩ ±1% resistors (0805)
R3
1
4.75kΩ ±1% resistor (0805)
R4
1
19.1kΩ ±1% resistor (0805)
R5, R6
0
Not populated, to allow user to
select the full-scale calibration
current for these outputs
DESIGNATION
QTY
DESCRIPTION
R201, R202,
R214
3
0Ω ±1% resistors (0805)
R203, R205
2
560Ω ±1% resistors (0805)
R204
1
100kΩ ±1% resistor (0805)
R206
1
45.3kΩ ±1% resistor (0805)
R207
1
10kΩ ± 1% resistor (0805)
R211, R212
2
330Ω ±1% resistors (0805)
R213
1
2.2kΩ ±1% resistor (0805)
Ref1
0
Do not populate
TP1, TP9, TP10
3
Red test points
Keystone 5010
TP2
1
Black test point
Keystone 5011
TP3–TP8
6
White test points
Keystone 5012
U1
1
2-/4-channel, I2C, 5-bit sink/
source current DAC
(14 TDFN-EP*)
Maxim DS4404N+
U20
1
Microcontroller (28 SO)
Microchip PIC18LF2550-I/SO
U21
1
50mA to 600mA programmable
current-limit switch (6 SOT23)
Maxim MAX4995AAUT+
U22
1
500mA low-noise LDO regulator
(8 TDFN-EP*)
Maxim MAX8902BATA+
X1
1
48MHz, 3.3V oscillator, 3.2mm x
2.5mm SMD
AVX KC3225A48.0000C30E00
Component List



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com