Electronic Components Datasheet Search
  English  ▼

X  

DS3254 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS3254
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3254 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS3254 Datasheet HTML 15Page - Maxim Integrated Products DS3254 Datasheet HTML 16Page - Maxim Integrated Products DS3254 Datasheet HTML 17Page - Maxim Integrated Products DS3254 Datasheet HTML 18Page - Maxim Integrated Products DS3254 Datasheet HTML 19Page - Maxim Integrated Products DS3254 Datasheet HTML 20Page - Maxim Integrated Products DS3254 Datasheet HTML 21Page - Maxim Integrated Products DS3254 Datasheet HTML 22Page - Maxim Integrated Products DS3254 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
DS3251/DS3252/DS3253/DS3254
19 of 71
Register Name:
SRn
Register Description:
Status Register
Register Address:
03h, 13h, 23h, 33h
Bit
7
6
5
4
3
2
1
0
Name
—
—
TDM
PRBS
—
—
RLOL
RLOS
Default
—
—
0
0
—
—
1
1
Bit 5: Transmitter Driver Monitor (TDM). This read-only status bit indicates the current state of the transmit driver
monitor. See Section 9.6 for more information.
0 = the transmitter is operating normally
1 = the transmitter amplitude is out of range
Bit 4: PRBS Detector Output (PRBS). This read-only status bit indicates the current state of the receiver’s PRBS
detector. See Table 6-H for the expected PRBS pattern.
0 = in sync with expected pattern
1 = out of sync, expected pattern not detected
Bit 1: Receiver Loss of Lock (RLOL). This read-only status bit indicates the current state of the receiver clock
recovery PLL.
0 = the receiver PLL is locked onto the incoming signal
1 = the receiver PLL is not locked onto the incoming signal
Bit 0: Receiver Loss of Signal (RLOS). This read-only status bit indicates the current state of the receiver loss-of-
signal detector.
0 = signal present
1 = loss of signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com