Electronic Components Datasheet Search
  English  ▼

X  

PL580-30 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL580-30
Description  38MHz-640MHz Low Phase Noise VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-30 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL580-30 Datasheet HTML 1Page - PhaseLink Corporation PL580-30 Datasheet HTML 2Page - PhaseLink Corporation PL580-30 Datasheet HTML 3Page - PhaseLink Corporation PL580-30 Datasheet HTML 4Page - PhaseLink Corporation PL580-30 Datasheet HTML 5Page - PhaseLink Corporation PL580-30 Datasheet HTML 6Page - PhaseLink Corporation PL580-30 Datasheet HTML 7Page - PhaseLink Corporation PL580-30 Datasheet HTML 8Page - PhaseLink Corporation PL580-30 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(Preliminary)
PL580-30
38MHz-640MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/30/05 Page 2
OUTPUT ENABLE LOGICAL LEVELS
OUTSEL0v
(Pad #25)
OUTSEL1^
(Pad #18)
Selected Output
0
0
LVDS
0
1
PECL (Default)
1
0
High Drive CMOS
1
1
Standard Drive CMOS
Note: For bonding convenience, ‘OUTSEL0’ incorporates an internal pull down resistor while ‘OUTSEL1’ incorporates an internal pull up resistor.
OUTPUT SELECTION AND ENABLE
OE_SEL^
(Pad #9)
OE_CTRL
(Pad #30)
State
0 (Default)
Output enabled
0
1
Tri-state
0
Tri-state
1 (Default)
1 (Default)
Output enabled
Pad #9: Bond to GND to set to “0”, bond to VDD to set to “1”,
Pad #30: Logical states defined by PECL levels if OE_SELECT is “0”
Logical states defined by CMOS levels if OE_SELECT is “1”
FREQUENCY SELECTION TABLE
SEL2
SEL1
SEL0
Selected Multiplier/Output Frequency
0
0
0
VCO Max*
0
0
1
VCO Min*
0
1
0
Reserved
0
1
1
Reserved
1
0
0
Fin x 2
1
0
1
Fin x 8
1
1
0
Fin x 16
1
1
1
Fin x 4
All SEL pads have internal pull-ups (default value is ‘1’). Bond to GND to set to 0.
* Special Test Modes to help selecting the inductor value for the target output frequency.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com