Electronic Components Datasheet Search
  English  ▼

X  

DS2148T Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS2148T
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148T Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS2148T Datasheet HTML 16Page - Maxim Integrated Products DS2148T Datasheet HTML 17Page - Maxim Integrated Products DS2148T Datasheet HTML 18Page - Maxim Integrated Products DS2148T Datasheet HTML 19Page - Maxim Integrated Products DS2148T Datasheet HTML 20Page - Maxim Integrated Products DS2148T Datasheet HTML 21Page - Maxim Integrated Products DS2148T Datasheet HTML 22Page - Maxim Integrated Products DS2148T Datasheet HTML 23Page - Maxim Integrated Products DS2148T Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
DS2148/DS21Q48
20 of 73
Table 2-8. Loopback Control in Hardware Mode
LOOPBACK
SYMBOL
CONTROL BIT
LOOP1
LOOP0
Remote Loopback
RLB
CCR6.6
1
1
Local Loopback
LLB
CCR6.7
1
0
Analog Loopback
ALB
CCR6.4
0
1
No Loopback
–
–
0
0
Table 2-9. Transmit Data Control in Hardware Mode
TRANSMIT DATA
SYMBOL
CONTROL
BIT
TX1
TX0
Transmit Unframed All Ones
TUA1
CCR3.7
1
1
Transmit Alternating Ones and Zeros
TAOZ
CCR3.5
1
0
Transmit PRBS
TPRBSE
CCR3.4
0
1
TPOS and TNEG
–
–
0
0
Table 2-10. Receive Sensitivity Settings
EGL
(CCR4.4)
ETS
(CCR1.7)
RECEIVE SENSITIVITY
0
0 (E1)
-12dB (short haul)
1
0 (E1)
-43dB (long haul)
1
1 (T1)
-30dB (limited long haul)
0
1 (T1)
-36dB (long haul)
Table 2-11. Monitor Gain Settings
MM1
(CCR5.5)
MM0
(CCR5.4)
INTERNAL LINEAR
GAIN BOOST (dB)
0
0
Normal operation (no boost)
0
1
20
1
0
26
1
1
32
Table 2-12. Internal Rx Termination Select
RT1
(CCR5.1)
RT0
(CCR5.0)
INTERNAL RECEIVE
TERMINATION CONFIGURATION
0
0
Internal receive-side termination disabled
0
1
Internal receive-side 120
Ω enabled
1
0
Internal receive-side 100
Ω enabled
1
1
Internal receive-side 75
Ω enabled
Table 2-13. MCLK Selection
MCLK
JAMUX
(CCR1.3)
ETS
(CCR1.7)
2.048MHz
0
0
2.048MHz
1
1
1.544MHz
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com