Electronic Components Datasheet Search
  English  ▼

X  

DS1702K Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1702K
Description  2-Wire Thermal Device Evaluation Kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1702K Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1702K Datasheet HTML 8Page - Maxim Integrated Products DS1702K Datasheet HTML 9Page - Maxim Integrated Products DS1702K Datasheet HTML 10Page - Maxim Integrated Products DS1702K Datasheet HTML 11Page - Maxim Integrated Products DS1702K Datasheet HTML 12Page - Maxim Integrated Products DS1702K Datasheet HTML 13Page - Maxim Integrated Products DS1702K Datasheet HTML 14Page - Maxim Integrated Products DS1702K Datasheet HTML 15Page - Maxim Integrated Products DS1702K Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13 of 16
Figure 24.0 Register Set 1 Tab
REGISTER SET 2 TAB FUNCTIONS
The “Register Set 2” tab (see Figure 25.0) allows the user
access to the Configuration Register functions as well as
the Slope and Counter registers. This screen also allows
for automatic enabling and disabling of the oscillator
output, as well as providing access to the Clock Alarm and
SRAM registers.
Read Config.- By clicking the button a timer is activated
which immediately sets the command button caption to
“Read Loop On” and performs a continuous read of the
MSB and LSB of Configuration Register.
Write Config.- Each click this button will cause a one-time
write to the MSB of the Configuration Register. Write
commands to the LSB portion of the Configuration Register
are not allowed because the LSB provides only status
information and writing data to the LSB can and will cause
problems in device command interpretation.
Read
Slope-
The
Slope
register
returns
the
COUNT_PER_C value when this button is clicked.
Read Counter- The Counter register returns the
COUNT_REMAIN value when this button is clicked.
Enable Oscillator- The OSC1 and OSC0 bits in the
Configuration Register are both set high when this button
is clicked.
Disable Oscillator- The OSC1 and OSC0 bits in the
Configuration Register are both set low when this button is
clicked.
Read Alarm- By clicking this button, all four DS1629 clock
alarms registers are read into the text boxes located
directly below the “Read Alarm” command button.
Write Alarm- When the user has entered the desired alarm
data into each of the four clock alarm registers located
directly below the command button, the “Write Alarm”
button may be clicked to write the alarm setting into the
device. The settings are automatically read back under the
“Read Alarm” column.
Figure 25.0 Register Set 2 Tab
Read SRAM- Upon program start-up, the SRAM address
pointer is set to location “00”. The user may enter into the
address text box “00” to “1F”. Since there are only 32 bytes
of SRAM space, if the user reads from an address higher
than “1F” the SRAM address pointer will automatically
wrap
around back into the 32 byte address space
available.
Write SRAM- The user may enter any hex address in the
specified 32 byte range along with any byte wide hex data
in the appropriate text box. When the user clicks the “Write
SRAM” button, the data is written to the specified address.
THE APPLICATION TAB GRAPHIC
Figure 26.0 provides a block diagram that illustrates the
internal functions of the DS1629. There are eleven major
functional areas in addition to the crystal and oscillator
divider circuits. In a typical application, the 2-wire circuitry
will interface to a CPU. The “Address and I/O Control”
block provides read/write access to the internal registers.
The “Temperature Sensor” interfaces to the “Thermal
Register” and the “Thermal Alarm” register. The thermal
registers interface to the “Thermal Alarm Comparator” and
the “Alarm Select” circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com