Electronic Components Datasheet Search
  English  ▼

X  

DS2148G Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2148G
Description  5V E1/T1/J1 Line Interface Unit
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2148G Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2148G Datasheet HTML 9Page - Maxim Integrated Products DS2148G Datasheet HTML 10Page - Maxim Integrated Products DS2148G Datasheet HTML 11Page - Maxim Integrated Products DS2148G Datasheet HTML 12Page - Maxim Integrated Products DS2148G Datasheet HTML 13Page - Maxim Integrated Products DS2148G Datasheet HTML 14Page - Maxim Integrated Products DS2148G Datasheet HTML 15Page - Maxim Integrated Products DS2148G Datasheet HTML 16Page - Maxim Integrated Products DS2148G Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
DS2148/DS21Q48
13 of 73
NAME
PIN
I/O
FUNCTION
RNEG
39
O
Receive Negative Data. Updated on the rising edge (CCR2.0 = 0) or the
falling edge (CCR2.0 = 1) of RCLK with the bipolar data out of the line
interface. Set NRZE (CCR1.6) to a one for NRZ applications. In NRZ
mode, data will be output on RPOS while a received error will cause a
positive-going pulse synchronous with RCLK at RNEG. See Section 6.4
for details.
RPOS
38
O
Receive Positive Data. Updated on the rising edge (CCR2.0 = 0) or the
falling edge (CCR2.0 = 1) of RCLK with bipolar data out of the line
interface. Set NRZE (CCR1.6) to a one for NRZ applications. In NRZ
mode, data will be output on RPOS while a received error will cause a
positive-going pulse synchronous with RCLK at RNEG. See Section 6.2
for details.
RTIP/RRING
27/28
I
Receive Tip and Ring. Analog inputs for clock recovery circuitry. These
pins connect via a 1:1 transformer to the line. See Section 5 for details.
TCLK
43
I
Transmit Clock. A 2.048MHz or 1.544MHz primary clock. Used to clock
data through the transmit side formatter. Can be sourced internally by
MCLK or RCLK. See Common Control Register 1 and Figure 1-3.
TEST
26
I
Tri-state Control. Set high to tri-state all outputs and I/O pins (including
the parallel control port). Set low for normal operation. Useful in board
level testing.
TNEG
42
I
Transmit Negative Data. Sampled on the falling edge (CCR2.1 = 0) or
the rising edge (CCR2.1 = 1) of TCLK for data to be transmitted out onto
the line.
TPOS
41
I
Transmit Positive Data. Sampled on the falling edge (CCR2.1 = 0) or the
rising edge (CCR2.1 = 1) of TCLK for data to be transmitted out onto the
line.
TTIP/TRING
34/37
O
Transmit Tip and Ring. Analog line driver outputs. These pins connect
via a step-up transformer to the line. See Section 5 for details.
VDD
21/36
-
5.0V ±5% Positive Supply
VSM
20
I
Voltage Supply Mode. Should be tied high for 5V operation
VSS
22/35
-
Signal Ground
WR
(R/
W)
3
I
Active-Low Write Input (Read/Write). See the bus timing diagrams in
Section 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com