Electronic Components Datasheet Search
  English  ▼

X  

1190366 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1190366
Description  PCB terminal block, Lever Push-in connection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1190366 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1190366 Datasheet HTML 6Page - PHOENIX CONTACT 1190366 Datasheet HTML 7Page - PHOENIX CONTACT 1190366 Datasheet HTML 8Page - PHOENIX CONTACT 1190366 Datasheet HTML 9Page - PHOENIX CONTACT 1190366 Datasheet HTML 10Page - PHOENIX CONTACT 1190366 Datasheet HTML 11Page - PHOENIX CONTACT 1190366 Datasheet HTML 12Page - PHOENIX CONTACT 1190366 Datasheet HTML 13Page - PHOENIX CONTACT 1190366 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1190366 LPTA 2,5/ 5-5,0
REF
PHOENIX CONTACT 13 / 14
2021-04-14
Product version 00
Document revision 00
15
Environmental and durability tests
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
50 m/s
2
(60.1 - 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Note
15.1
Vibration test
Specification
IEC 60695-2-10:2013-04
Result
Test passed
Temperature
850 °C
Time of exposure
5 s
15.2
Assessment of fire risk (glow wire test)
Specification
Following IEC 60529:1989-11 + AMD 1:1999-11 + AMD 2:2013-08
Back of the hand protection (Ball ø 50)
Finger protection (movable test finger)
guaranteed
Note
unenclosed basic insulation - protected against finger contact with IP20 test fin-
ger in acc. with IEC 60529 when connected, above the PCB
15.3
Shock protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com