Electronic Components Datasheet Search
  English  ▼

X  

LM25005MHX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25005MHX
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005MHX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM25005MHX Datasheet HTML 12Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 13Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 14Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 15Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 16Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 17Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 18Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 19Page - National Semiconductor (TI) LM25005MHX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Application Information (Continued)
When the buck switch turns on, the current into the VIN pin
steps to the lower peak of the inductor current waveform,
ramps up to the peak value, then drops to zero at turn-off.
The average current into VIN during the on-time is the load
current. The input capacitance should be selected for RMS
current rating and minimum ripple voltage. A good approxi-
mation for the required ripple current rating necessary is
I
RMS > IOUT /2.
Quality ceramic capacitors with a low ESR should be se-
lected for the input filter. To allow for capacitor tolerances
and voltage effects, two 2.2 µF, 100V ceramic capacitors will
be used. If step input voltage transients are expected near
the maximum rating of the LM25005, a careful evaluation of
ringing and possible spikes at the device VIN pin should be
completed. An additional damping network or input voltage
clamp may be required in these cases.
C8
The capacitor at the VCC pin provides noise filtering and
stability for the V
CC regulator. The recommended value of C8
should be no smaller than 0.1 µF, and should be a good
quality, low ESR, ceramic capacitor. A value of 0.47 µF was
selected for this design.
C7
The bootstrap capacitor between the BST and the SW pins
supplies the gate current to charge the buck switch gate at
turn-on. The recommended value of C7 is 0.022 µF, and
should be a good quality, low ESR, ceramic capacitor.
C4
The capacitor at the SS pin determines the soft-start time,
i.e. the time for the reference voltage and the output voltage,
to reach the final regulated value. The time is determined
from:
For this application, a C4 value of 0.01 µF was chosen which
corresponds to a soft-start time of 1 ms.
R5, R6
R5 and R6 set the output voltage level, the ratio of these
resistors is calculated from:
R5/R6 = (V
OUT / 1.225V) - 1
For a 5V output, the R5/R6 ratio calculates to 3.082. The
resistors should be chosen from standard value resistors, a
good starting point is selection in the range of 1.0 k
Ω -10kΩ.
Values of 5.11 k
Ω for R5, and 1.65 kΩ for R6 were selected.
R1, R2, C12
A voltage divider can be connected to the SD pin to set a
minimum operating voltage Vin
(min) for the regulator. If this
feature is required, the easiest approach to select the divider
resistor values is to select a value for R1 (between 10 k
Ω
and 100 k
Ω recommended) then calculate R2 from:
Capacitor C12 provides filtering for the divider. The voltage
at the SD pin should never exceed 8V, when using an
external set-point divider it may be necessary to clamp the
SD pin at high input voltage conditions. The reference de-
sign utilizes the full range of the LM25005 (7V to 42V);
therefore these components can be omitted. With the SD pin
open circuit the LM25005 responds once the Vcc UVLO
threshold is satisfied.
R7, C11
A snubber network across the power diode reduces ringing
and spikes at the switching node. Excessive ringing and
spikes can cause erratic operation and couple spikes and
noise to the output. In the limit, spikes beyond the rating of
the LM25005 or the re-circulating diode can damage these
devices. Selecting the values for the snubber is best accom-
plished through empirical methods. First, make sure the lead
lengths for the snubber connections are very short. For the
current levels typical for the LM25005 a resistor value be-
tween 5 and 20 Ohms is adequate. Increasing the value of
the snubber capacitor results in more damping but higher
losses. Select a minimum value of C11 that provides ad-
equate damping of the SW pin waveform at high load.
R4, C5, C6
These components configure the error amplifier gain char-
acteristics to accomplish a stable overall loop gain. One
advantage of current mode control is the ability to close the
loop with only two feedback components, R4 and C5. The
overall loop gain is the product of the modulator gain and the
error amplifier gain. The DC modulator gain of the LM25005
is as follows:
DC Gain
(MOD) =Gm(MOD) xRLOAD =2xRLOAD
The dominant low frequency pole of the modulator is deter-
mined by the load resistance (R
LOAD,) and output capaci-
tance (C
OUT). The corner frequency of this pole is:
f
p(MOD) =1/(2
π R
LOAD COUT)
For R
LOAD =5
Ω and C
OUT = 177 µF then fp(MOD) = 180Hz
DC Gain
(MOD) =2x5=10=20dB
For the design example of Figure 1 the following modulator
gain vs. frequency characteristic was measured as shown in
Figure 8.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com