Electronic Components Datasheet Search
  English  ▼

X  

OM5301ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM5301ST
Description  20 AMP ULTRA FAST, ULTRA LOW FORWARD VOLTAGE CENTER-TAP POWER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM5301ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM5301ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5301ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 71
3.2
4 11 R2
Supersedes 1 07 R1
20 AMP ULTRA FAST, ULTRA LOW FORWARD
VOLTAGE CENTER-TAP POWER RECTIFIER
FEATURES
• Small Size/JEDEC TO-257AA Outline
• Very Low Forward Voltage
• Very Fast Switching Time
• Hermetic And Isolated Metal Package
• Available As Common Cathode Or Common Anode
• Low Thermal Resistance
• Available Screened To MIL-S-19500, TX, TXV, And S-Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at power
switching frequencies in excess of 100 kHz. This series of ultra fast rectifiers is packaged
in a small easy-to-use JEDEC TO-257AA package, replacing conventional DO-4 and TO-3
packaging. These devices are ideally suited for demanding applications where small size
and a hermetically sealed package are required. All devices are available Hi-Rel screened
in Omnirel’s facility. (See Omnirel’s OM803 Hi-Rel screening program.)
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 200 V
Maximum Average D.C. Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. . 10 A
Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 180 A
Thermal Resistance, Junction-to-Case . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0° C/W
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55° C to + 150° C
X.
20 Amp, 50 To 200 Volts, 35 ns trr
OM5301ST/RT/DT
OM5302ST/RT/DT
OM5303ST/RT/DT
OM5304ST/RT/DT
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
SCHEMATIC
Common cathode is standard. Contact the factory for performance characteristics for common anode and doubler.
Z-Tab package also available.
OMXXXXRT
OMXXXXST
OMXXXXDT


Similar Part No. - OM5301ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5320DT ETC1-OM5320DT Datasheet
22Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5320RT ETC1-OM5320RT Datasheet
22Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5320ST ETC1-OM5320ST Datasheet
22Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5321DT ETC1-OM5321DT Datasheet
22Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5321RT ETC1-OM5321RT Datasheet
22Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
More results

Similar Description - OM5301ST

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSM115J MICROSEMI-LSM115J Datasheet
99Kb / 2P
1 Amp Ultra Low Forward Voltage Schottky Diode
logo
List of Unclassifed Man...
1N6766 ETC1-1N6766 Datasheet
16Kb / 2P
400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
logo
Solid States Devices, I...
RC0146C SSDI-RC0146C Datasheet
107Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts
RC0088 SSDI-RC0088 Datasheet
171Kb / 2P
Hyper Fast Center tap Rectifier
logo
Bruckewell Technology L...
SOTYXXD BWTECH-SOTYXXD Datasheet
543Kb / 4P
Ultra Low forward voltage TVS
logo
Solid States Devices, I...
RC0088 SSDI-RC0088_15 Datasheet
171Kb / 2P
Hyper Fast Center tap Rectifier
SDR12U080 SSDI-SDR12U080 Datasheet
138Kb / 2P
12 AMP ULTRA FAST RECTIFIER
logo
Unisonic Technologies
TGBR5U60L-TN3-R UTC-TGBR5U60L-TN3-R Datasheet
155Kb / 3P
Ultra low forward voltage drop
logo
Shanghai Leiditech Elec...
SST40L100DC LEIDITECH-SST40L100DC Datasheet
878Kb / 3P
Ultra low forward voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com