Electronic Components Datasheet Search
  English  ▼

X  

ADCA3992AMLZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADCA3992AMLZ
Description  45 MHz to 1218 MHz, CATV Power Doubler Hybrid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3992AMLZ Datasheet(HTML) 2 Page - Analog Devices

  ADCA3992AMLZ Datasheet HTML 1Page - Analog Devices ADCA3992AMLZ Datasheet HTML 2Page - Analog Devices ADCA3992AMLZ Datasheet HTML 3Page - Analog Devices ADCA3992AMLZ Datasheet HTML 4Page - Analog Devices ADCA3992AMLZ Datasheet HTML 5Page - Analog Devices ADCA3992AMLZ Datasheet HTML 6Page - Analog Devices ADCA3992AMLZ Datasheet HTML 7Page - Analog Devices ADCA3992AMLZ Datasheet HTML 8Page - Analog Devices ADCA3992AMLZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ADCA3992
Data Sheet
Rev. 0 | Page 2 of 9
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
General Performance ................................................................... 3
Distortion Data, 40 MHz to 550 MHz....................................... 3
Absolute Maximum Ratings ............................................................4
ESD Caution...................................................................................4
Pin Configuration and Function Descriptions..............................5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................7
Applications Information .................................................................8
Outline Dimensions..........................................................................9
Ordering Guide .............................................................................9
REVISION HISTORY
1/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com