Electronic Components Datasheet Search
  English  ▼

X  

HMC609 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC609
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC609 Datasheet(HTML) 5 Page - Analog Devices

  HMC609 Datasheet HTML 1Page - Analog Devices HMC609 Datasheet HTML 2Page - Analog Devices HMC609 Datasheet HTML 3Page - Analog Devices HMC609 Datasheet HTML 4Page - Analog Devices HMC609 Datasheet HTML 5Page - Analog Devices HMC609 Datasheet HTML 6Page - Analog Devices HMC609 Datasheet HTML 7Page - Analog Devices HMC609 Datasheet HTML 8Page - Analog Devices HMC609 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC980
v00.0312
Active BiAs controller
High current
Bias current Accuracy[2]
Power Up Waveform
Bias current Accuracy[1]
370
375
380
385
390
395
400
405
3.3
3.5
3.6
3.8
4.0
4.2
4.3
4.5
4.7
4.8
5.0
+25 C
+85 C
-55 C
VDIG (V)
IDrain is set to: 388mA
1300
1325
1350
1375
1400
1425
1450
1475
3.3
3.5
3.6
3.8
4
4.2
4.3
4.5
4.7
4.8
5
+25 C
+85 C
-55 C
VDIG (V)
IDrain is set to: 1409mA
enable Waveform
shutdown Waveform
-4
-2
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
160
180
200
VDD(V)
VDRAIN (V)
VDIG (V)
VG2 (V)
VNEG (V)
VGATE (V)
TIME (ms)
-12
-8
-4
0
4
8
12
16
01234
56
EN(V)
VDRAIN (V)
VG2 (V)
VNEG (V)
VGATE (V)
TIME (ms)
Disable Waveform
-6
-4
-2
0
2
4
6
8
10
12
14
45678
9
10
EN(V)
VDRAIN (V)
VG2 (V)
VNEG (V)
VGATE (V)
TIME (ms)
-4
-2
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
70
80
90
100
VDD (V)
VDRAIN (V)
VDIG(V)
VG2 (V)
VNEG (V)
VGATE (V)
TIME (ms)
[1] hMC637lp5 is used as external amplifier
[2] hMC591lp5 is used as external amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com