Electronic Components Datasheet Search
  English  ▼

X  

159693 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 159693
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

159693 Datasheet(HTML) 1 Page - Festo Corporation.

  159693 Datasheet HTML 1Page - Festo Corporation. 159693 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MN1H-5/3G-D-2-C
Part number: 159693
Data sheet
Feature
Value
Valve function
5/3, closed
Actuation type
Electrical
Width
54 mm
Standard nominal flow rate
2300 l/min
Pneumatic working port
Sub-base, size 2 as per ISO 5599-1
G3/8
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
3 bar ... 10 bar
Design
Piston gate valve
Reset method
Mechanical spring
Certification
c UL us - Recognized (OL)
Maritime classification
See certificate
Degree of protection
IP65
Nominal width
11.5 mm
Width dimension
56 mm
Type code
MN1H
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Detenting via accessory
Non-detenting
ISO code
256
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991080
Lap
Overlap
Switching time off
82 ms
On switching time
33 ms
Max. positive test pulse with 0 signal
3700 µs
Max. negative test pulse on 1 signal
4600 µs
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
9/14/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 159693

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
159690 FESTO-159690 Datasheet
99Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1596900 PHOENIX-1596900 Datasheet
72Kb / 3P
Device connector, front mounting - RC-12P1N122200
12/06/2018
1596903 PHOENIX-1596903 Datasheet
59Kb / 2P
Device connector, front mounting - RC-12P1N122300
12/06/2018
1596905 PHOENIX-1596905 Datasheet
50Kb / 2P
RC-12P1N122D00
12/06/2018
1596906 PHOENIX-1596906 Datasheet
72Kb / 3P
Device connector, front mounting - RC-12P1N122K00
12/06/2018
More results

Similar Description - 159693

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com