Electronic Components Datasheet Search
  English  ▼

X  

HMC499 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC499
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC499 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC499 Datasheet HTML 2Page - Analog Devices HMC499 Datasheet HTML 3Page - Analog Devices HMC499 Datasheet HTML 4Page - Analog Devices HMC499 Datasheet HTML 5Page - Analog Devices HMC499 Datasheet HTML 6Page - Analog Devices HMC499 Datasheet HTML 7Page - Analog Devices HMC499 Datasheet HTML 8Page - Analog Devices HMC499 Datasheet HTML 9Page - Analog Devices HMC499 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC980
v00.0312
Active BiAs controller
High current
load regulation @ vDD=5v, vDiG=3.3v,
sW0=GnD, sW1=GnD
2
3
4
5
6
50
100
150
200
250
300
+25C
+85C
-55C
IDRAIN (mA)
load regulation @ vDD=5v, vDiG=3.3v,
sW0=3.3v, sW1=GnD
2
3
4
5
6
300
350
400
450
500
550
600
+25C
+85C
-55C
IDRAIN (mA)
load regulation @ vDD=16.5v,
vDiG=5.0v, sW0=GnD, sW1=vDiG
13
14
15
16
17
600
700
800
900
1000
1100
1200
+25C
+85C
-55C
IDRAIN (mA)
load regulation @ vDD=16.5v,
vDiG=5.0v, sW0=vDiG, sW1=vDiG
-2.5
-2.4
-2.3
-2.2
-2.1
-2
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
+25 C
+85 C
-55 C
INEG (mA)
vneG load regulation @ vDD=5v
vneG load regulation @ vDD=16.5v
-2.5
-2.4
-2.3
-2.2
-2.1
-2
0
5
10
15
20
25
30
+25 C
+85 C
-55 C
INEG (mA)
13
14
15
16
17
1200
1300
1400
1500
1600
+25C
+85C
-55C
IDRAIN (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com