Electronic Components Datasheet Search
  English  ▼

X  

HMC-APH596 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC-APH596
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-APH596 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC-APH596 Datasheet HTML 8Page - Analog Devices HMC-APH596 Datasheet HTML 9Page - Analog Devices HMC-APH596 Datasheet HTML 10Page - Analog Devices HMC-APH596 Datasheet HTML 11Page - Analog Devices HMC-APH596 Datasheet HTML 12Page - Analog Devices HMC-APH596 Datasheet HTML 13Page - Analog Devices HMC-APH596 Datasheet HTML 14Page - Analog Devices HMC-APH596 Datasheet HTML 15Page - Analog Devices HMC-APH596 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC980
v00.0312
Active BiAs controller
High current
pad number
Function
Description
interface schematic
31
VGateFB
Control pad for VGateFB. Float VGateFB when a
depletion mode transistor is biased. selects the mode
of operation along with VneGFB pad.
32
VneGFB
Feedback (Control) pad for negative Voltage Genera-
tor Charge pump. Float to activate the negative voltage
generator / short to GnD to disable the negative voltage
generator.
33
VreF
1.44V reference voltage.
34
VDiG
3.3V-5V Digital Bias supply pad. Connect supply volt-
age to this pad with appropriate filtering.
37
Cp_oUt
negative voltage generator charge pump output. nega-
tive voltage generator requires a flying capacitor, a
reservoir capacitor and two diodes to operate.
38
Cp_VDD
Bias supply for negative voltage generator. Connect
supply voltage with appropriate filtering. Cp_VDD
supply voltage should be same as VDD.
Pad Descriptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com