Electronic Components Datasheet Search
  English  ▼

X  

PLL102-03 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL102-03
Description  Low Skew Output Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL102-03 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL102-03 Datasheet HTML 1Page - PhaseLink Corporation PLL102-03 Datasheet HTML 2Page - PhaseLink Corporation PLL102-03 Datasheet HTML 3Page - PhaseLink Corporation PLL102-03 Datasheet HTML 4Page - PhaseLink Corporation PLL102-03 Datasheet HTML 5Page - PhaseLink Corporation PLL102-03 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL102-03
Low Skew Output Buffer
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 02/23/06 Page 1
FEATURES
• Frequency range 75 ~ 180MHz.
• Internal phase locked loop will allow spread spec-
trum modulation on reference clock to pass to the
outputs (up to 100kHz SST modulation).
• Zero input - output delay.
• Less than 700 ps device - device skew.
• Less than 250 ps skew between outputs.
• Less than 150 ps cycle - cycle jitter.
• Output Enable function tri-state outputs.
• 3.3V operation.
• Available in 8-Pin 150mil SOIC GREEN package.
DESCRIPTION
The PLL102-03 is a high performance, low skew, low
jitter zero delay buffer designed to distribute high
speed clocks and is available in an 8-pin SOIC pack-
age. It has four outputs that are synchronized with the
input. The synchronization is established via CLKOUT
feed back to the input of the PLL. Since the skew be-
tween the input and output is less than
±350 ps, the
device acts as a zero delay buffer.
PIN CONFIGURATION
Remark
If REF clock is stopped for more than 10us after it has already been
provided to the chip, and after power-up, the output clocks will
disappear. In that instance, a full power-up reset is required in order
to reactivate the output clocks.
BLOCK DIAGRAM
PLL
REF
CLKOUT
CLK1
CLK2
CLK3
CLK4
1
2
3
4
REF
5
6
7
8
CLK2
CLK1
GND
CLKOUT
CLK4
VDD
CLK3


Similar Part No. - PLL102-03

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-04SC PLL-PLL102-04SC Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-04SC-R PLL-PLL102-04SC-R Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-04SCL PLL-PLL102-04SCL Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-04SCL-R PLL-PLL102-04SCL-R Datasheet
236Kb / 6P
Low Skew Output Buffer
More results

Similar Description - PLL102-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
PLL102-15 PLL-PLL102-15 Datasheet
109Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com