Electronic Components Datasheet Search
  English  ▼

X  

MAX14940 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14940
Description  Terminal Block Connectors for Easy RS-485/ PROFIBUS Evaluation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14940 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14940 Datasheet HTML 1Page - Maxim Integrated Products MAX14940 Datasheet HTML 2Page - Maxim Integrated Products MAX14940 Datasheet HTML 3Page - Maxim Integrated Products MAX14940 Datasheet HTML 4Page - Maxim Integrated Products MAX14940 Datasheet HTML 5Page - Maxim Integrated Products MAX14940 Datasheet HTML 6Page - Maxim Integrated Products MAX14940 Datasheet HTML 7Page - Maxim Integrated Products MAX14940 Datasheet HTML 8Page - Maxim Integrated Products MAX14940 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Evaluates: MAX14940/MAX14943/
MAX14946/MAX14949
MAX149X2 Evaluation Kit
General Description
The MAX149X2 evaluation kit (EV kit) is a fully assembled
and tested PCB that demonstrates the functionality of the
MAX14943 isolated RS-485/PROFIBUS transceiver. The
EV kit operates from a single 3.3V supply and features an
on-board isolated power supply to power the secondary-
side of the circuit.
The MAX149X2 EV kit comes with the MAX14943GWE+
installed, but can also be used to evaluate the pin-compatible
MAX14940, MAX14946, and MAX14949 ICs.
Features
● Operates from a Single 3.3V Supply
● Terminal Block Connectors for Easy RS-485/
PROFIBUS Evaluation
● 5000VRMS Isolation for 60s
● Fully Assembled and Tested
● Proven PCB Layout
19-7646; Rev 0; 6/15
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX149X2 EV kit
● 3.3V, 1A DC power supply
● Signal/function generator
● Oscilloscope
Startup Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Set the DC power supply to 3.3V and connect the
DC power supply between the EV kits VDDA and
GNDA connectors of the EV kit.
2) Ensure that J2 and J3 are in their default positions
(see Table 1).
3) Turn on the power supply.
4) Set the signal/function generator to output a 100kHz
0 to 3V square wave. Note: Set the signal/function
generator to operate with a high-impedance load. If
needed, the R1 pad is available to add a 50Ω impedance
to ground.
5) Connect the signal/function generator to the TXD
test point.
6) Verify that the A and B outputs switch as the signal
toggles.
Table 1. Jumper Settings (J1–J6)
JUMPER
SHUNT POSITION
DESCRIPTION
J1
1-2
Receiver is disabled. RXD is high impedance.
2-3*
Receiver is enabled. RXD is active.
J2
1-2*
Driver is enabled. DEM is high.
2-3
Driver is disabled. DEM is low.
J3
Open*
DE and RE are not connected together.
Closed
DE and RE are connected together.
J4
Open*
A and B are not connected through the on-board 120Ω resistor.
Closed
Connects the on-board 120Ω resistor between A and B.
*Default position.


Similar Part No. - MAX14940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1494 MAXIM-MAX1494 Datasheet
748Kb / 35P
3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX14941 MAXIM-MAX14941 Datasheet
931Kb / 21P
5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
MAX14941 MAXIM-MAX14941 Datasheet
2Mb / 9P
Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX14941GWE+ MAXIM-MAX14941GWE+ Datasheet
931Kb / 21P
5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
MAX14941GWE+T MAXIM-MAX14941GWE+T Datasheet
931Kb / 21P
5kV Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 11/15
More results

Similar Description - MAX14940

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
PROFIBUS RS-485 TRANSCEIVERS
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
logo
Texas Instruments
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
Isolated RS-485 Profibus Transceiver
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
Isolated Profibus RS-485 Transceiver
logo
Renesas Technology Corp
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
Isolated 40Mbps RS-485 PROFIBUS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com