Electronic Components Datasheet Search
  English  ▼

X  

MAX14942 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14942
Description  Operates From a Single 3.3V Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14942 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14942 Datasheet HTML 1Page - Maxim Integrated Products MAX14942 Datasheet HTML 2Page - Maxim Integrated Products MAX14942 Datasheet HTML 3Page - Maxim Integrated Products MAX14942 Datasheet HTML 4Page - Maxim Integrated Products MAX14942 Datasheet HTML 5Page - Maxim Integrated Products MAX14942 Datasheet HTML 6Page - Maxim Integrated Products MAX14942 Datasheet HTML 7Page - Maxim Integrated Products MAX14942 Datasheet HTML 8Page - Maxim Integrated Products MAX14942 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14938/MAX14939/
MAX14941/MAX14942/
MAX14945/MAX14948
MAX149X1 Evaluation Kit
MAX149X1 Bill of Materials
ITEM
REF_DES
DNI QTY MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1 C1, C3, C6, C8
-
4 GRM188R71E105KA12D; CGA3E1X7R1E105K
MURATA
1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 1UF; 25V;
TOL=10%; MODEL=GRM SERIES; TG=-55 DEGC TO
+125 DEGC; TC=X7R
2 C2, C7
-
2
C0603C104K4RAC; GCM188R71C104KA37;
C1608X7R1C104K; GRM188R71C104K;
C0603X7R160-104KNE
KEMET/MURATA/TDK/
VENKEL LTD.
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF;
16V; TOL=10%; TG=-55 DEGC TO +125 DEGC;
TC=X7R;
3 C4, C9
-
2
GRM21BR61E106K; C2012X5R1E106K125AB;
C2012X5R1E106K
MURATA/TDK
10UF
CAPACITOR; SMT (0805); CERAMIC CHIP; 10UF; 25V;
TOL=10%; MODEL=; TG=-55 DEGC TO +125 DEGC;
TC=X5R
4 C5
-
1
C0603C104K3RAC; GRM188R71E104KA01;
C1608X7R1E104K
KEMET/MURATA/TDK 0.1UF
CAPACITOR; SMT; 0603; CERAMIC; 0.1uF; 25V; 10%;
X7R; -55degC to + 125degC; +/-15% from -55degC
to +125degC;
5 D1, D2
-
2 MBR0520
GENERIC PART
MBR0520
DIODE; SCH; SCHOTTKY RECTIFIER; SMT (SOD-123);
PIV=20V; IF=0.5A; -55 DEGC TO +150 DEGC
6 J1-J3
-
3 PEC03SAAN
SULLINS
PEC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT; 3PINS
7 J4-J6
-
3 PEC02SAAN
SULLINS
PEC02SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT; 2PINS
8 P1
-
1
1935161 PHOENIX CONTACT
1935161
CONNECTOR; FEMALE; THROUGH HOLE; GREEN
TERMINAL BLOCK; STRAIGHT; 2PINS
9 P2, P3
-
2
1935200 PHOENIX CONTACT
1935200
CONNECTOR; FEMALE; THROUGH HOLE; GREEN
TERMINAL BLOCK; STRAIGHT; 6PINS
10 R3
-
1 CRCW0603120RJN
VISHAY DALE
120
RESISTOR; 0603; 120 OHM; 5%; 200PPM; 0.10W;
THICK FILM
11 SU1-SU4
-
4 STC02SYAN
SULLINS ELECTRONICS
CORP.
STC02SYAN
TEST POINT; JUMPER; STR; TOTAL LENGTH=0.256IN;
BLACK; INSULATION=PBT CONTACT=PHOSPHOR
BRONZE; COPPER PLATED TIN OVERALL
12 T1, T9, T10
-
3
5010 ?
5010
TESTPOINT WITH 1.80MM HOLE DIA, RED,
MULTIPURPOSE
13 T2-T6, T11-T13
-
8
5014 ?
5014
TEST POINT; PIN DIA=0.125IN; TOTAL
LENGTH=0.445IN; BOARD HOLE=0.063IN; YELLOW;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
14 T7, T8, T14, T15
-
4
5011 ?
5011
TEST POINT; PIN DIA=0.125IN; TOTAL
LENGTH=0.445IN; BOARD HOLE=0.063IN; BLACK;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
15 TX1
-
1 TGMS-1464V6LF
HALO ELECTRONICS,
INC
TGMS-
1464V6LF
TRANSFORMER; SMT; 1:2.4; POWER
TRANSFORMER; DRAFT DATASHEET ONLY
16 U1
-
1 MAX258ATA+
MAXIM
MAX258ATA
+
IC; DRV; 0.5A; PUSH-PULL TRANSFORMER DRIVER
FOR ISOLATED POWER SUPPLY; TDFN8-EP 2X3
17 U2
-
1 MAX14938GWE+
MAXIM
MAX14938
EVKIT PART-IC; PACKAGE CODE: W16M+10;
OUTLINE DRAWING NO.: 21-0042; LAND PATTERN
DRAWING NO.: 90-0107; WSOIC16 300MIL
18 R1, R2, R4
DNP
3 N/A
N/A
OPEN
PACKAGE OUTLINE 0603 RESISTOR - EVKIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com