Electronic Components Datasheet Search
  English  ▼

X  

PLL602-10 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL602-10
Description  96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-10 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL602-10 Datasheet HTML 1Page - PhaseLink Corporation PLL602-10 Datasheet HTML 2Page - PhaseLink Corporation PLL602-10 Datasheet HTML 3Page - PhaseLink Corporation PLL602-10 Datasheet HTML 4Page - PhaseLink Corporation PLL602-10 Datasheet HTML 5Page - PhaseLink Corporation PLL602-10 Datasheet HTML 6Page - PhaseLink Corporation PLL602-10 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary
PLL602-10
96MHz – 400MHz Low Phase Noise XO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/06/02 Page 2
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
7
V
Input Voltage, dc
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage, dc
VO
VSS
-0.5
VDD
+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
TA
0
70
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator
Frequency
FXIN
Parallel Fundamental
Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
TBD
pF
Recommended ESR
RE
AT cut
30
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com