Electronic Components Datasheet Search
  English  ▼

X  

PLL103-03 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL103-03
Description  DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-03 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL103-03 Datasheet HTML 1Page - PhaseLink Corporation PLL103-03 Datasheet HTML 2Page - PhaseLink Corporation PLL103-03 Datasheet HTML 3Page - PhaseLink Corporation PLL103-03 Datasheet HTML 4Page - PhaseLink Corporation PLL103-03 Datasheet HTML 5Page - PhaseLink Corporation PLL103-03 Datasheet HTML 6Page - PhaseLink Corporation PLL103-03 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PLL103-03
DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 08/28/00 Page 1
FEATURES
• Generates 24-output buffers from one input.
• Supports up to 4 DDR DIMMS or 3 SDR DIMMS
and 2 DDR DIMMS.
• Supports 266MHz DDR SDRAM.
• One additional output for feedback.
• Less than 5ns delay.
• Skew between any outputs is less than 100 ps.
• 2.5V or 3.3V Supply range.
• Enhanced DDR and SDRAM Output Drive
selected by I2C.
• Available in 48 pin SSOP.
BLOCK DIAGRAM
PIN CONFIGURATION
Note: #: Active Low
DESCRIPTIONS
The PLL103-03 is designed as a 3.3V/2.5V buffer to
distribute high-speed clocks in PC applications. The
device has 24 outputs. These outputs can be
configured to support four unbuffered DDR (Double
Data Rate) DIMMS or to support 2 unbuffered
standard SDR (Single Data Rate) DIMMS and 2 DDR
DIMMS. The PLL103-03 can be used in conjunction
with the PLL202-04 or similar clock synthesizer for
the VIA Pro 266 chipset.
The PLL103-03 also has an I2C interface, which can
enable or disable each output clock. When power up,
all output clocks are enabled (has internal pull up).
DDR5C_SDRAM9
DDR4C_SDRAM7
DDR4T_SDRAM6
GND
VDD3.3_2.5
DDR3C_SDRAM5
DDR3T_SDRAM4
GND
VDD3.3_2.5
DDR2C_SDRAM3
GND
VDD3.3_2.5
DDR1C_SDRAM1
DDR0C_SDRAM11
DDR0T_SDRAM10
GND
VDD3.3_2.5
FBOUT
SDATA
VDD3.3_2.5
DDR5T_SDRAM8
DDR2T_SDRAM2
DDR10C
VDD2.5
GND
DDR9T
DDR9C
VDD2.5
PD#
GND
DDR8T
DDR8C
VDD2.5
SEL_DDR
VDD2.5
GND
DDR11T
DDR11C
DDR10T
GND
DDR6T
DDR7T
DDR7C
GND
SCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
41
42
44
43
45
46
47
48
BUF_IN
DDR1T_SDRAM0
DDR6C
BUF_IN
SDATA
SCLK
I2C
Control
PD#
DDR0T_SDRAM10
DDR0C_SDRAM11
DDR1T_SDRAM0
DDR1C_SDRAM1
DDR2T_SDRAM2
DDR2C_SDRAM3
DDR3T_SDRAM4
DDR3C_SDRAM5
DDR4T_SDRAM6
DDR4C_SDRAM7
DDR5T_SDRAM8
DDR5C_SDRAM9
DDR6T
DDR6C
DDR7T
DDR7C
DDR8T
DDR8C
DDR9T
DDR9C
DDR10T
DDR10C
DDR11T
DDR11C
FBOUT


Similar Part No. - PLL103-03

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XC PLL-PLL103-01XC Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XI PLL-PLL103-01XI Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XM PLL-PLL103-01XM Datasheet
69Kb / 7P
Low Skew Buffers
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results

Similar Description - PLL103-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
Winbond
W83196R-718B WINBOND-W83196R-718B Datasheet
242Kb / 13P
VIA BUFFER CHIP (4 X DDR or 2 X DDR 3 X SDRAM)
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
W255 CYPRESS-W255 Datasheet
255Kb / 10P
200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com