Electronic Components Datasheet Search
  English  ▼

X  

0803932 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803932
Description  Thermal transfer printer set - THERMOMARK GO SET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803932 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803932 Datasheet HTML 1Page - PHOENIX CONTACT 0803932 Datasheet HTML 2Page - PHOENIX CONTACT 0803932 Datasheet HTML 3Page - PHOENIX CONTACT 0803932 Datasheet HTML 4Page - PHOENIX CONTACT 0803932 Datasheet HTML 5Page - PHOENIX CONTACT 0803932 Datasheet HTML 6Page - PHOENIX CONTACT 0803932 Datasheet HTML 7Page - PHOENIX CONTACT 0803932 Datasheet HTML 8Page - PHOENIX CONTACT 0803932 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
https://www.phoenixcontact.com/us/products/1221548
06/09/2021   Page 1 / 25
Thermal transfer printer set - THERMOMARK GO SET - 1221548
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Mobile thermal transfer printer for marking materials in cartridge format incl. accessories in a practical case. The
printer can print pre-punched labels as well as materials in continuous format up to a material width of 24 mm.
Scope of supply: case, battery, power supply unit incl. 4 adapters, USB cable, MM-EML (20X8)R C1 WH/BK,
quick guide
Your advantages
 Easy and efficient storage and transportation of your mobile printing system
 Ideal protection of your printing system in all everyday situations thanks to resistant materials and a securely closing buckle
 Everything needed, always available in the field: The case has sufficient space for your printing system, including accessories and for 9 material
cartridges
 Maximum flexibility for all transport situations with the proven L-BOXX system
 Maintenance-free operation with proven thermal transfer printing technology
 Printing of pre-punched die-cut materials and continuous media; adhesive labels, marking labels, and shrink sleeve
 Operated entirely via digital devices using the MARKING system app
 Alternative control via the PROJECT complete software
 User-friendly operation with context-based menu navigation of the MARKING system app and Application Wizards for easily creating application-
specific marking solutions
 The THERMOMARK GO prints materials in cartridge format, which contain the material to be marked and the appropriate ink ribbon
 Easy material change with the uniform GO SERIES cartridge system
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4063151309268
Weight per Piece (excluding packing)
100.000 g
Custom tariff number
84433210
Country of origin
China


Similar Part No. - 0803932

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803932 PHOENIX-0803932 Datasheet
194Kb / 6P
MM-WML 5 (EX10)R C1 WH/BK - Cable marker label
More results

Similar Description - 0803932

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
TDP43MY Thermal Transfer Desktop Printer and Accessories
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
1085260 PHOENIX-1085260 Datasheet
108Kb / 9P
Thermal transfer printer - THERMOMARK ROLL 2.0
09/12/2020
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com