Electronic Components Datasheet Search
  English  ▼

X  

AT25PE16 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25PE16
Description  16-Mbit DataFlash-L Page Erase Serial Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25PE16 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25PE16 Datasheet HTML 9Page - Dialog Semiconductor AT25PE16 Datasheet HTML 10Page - Dialog Semiconductor AT25PE16 Datasheet HTML 11Page - Dialog Semiconductor AT25PE16 Datasheet HTML 12Page - Dialog Semiconductor AT25PE16 Datasheet HTML 13Page - Dialog Semiconductor AT25PE16 Datasheet HTML 14Page - Dialog Semiconductor AT25PE16 Datasheet HTML 15Page - Dialog Semiconductor AT25PE16 Datasheet HTML 16Page - Dialog Semiconductor AT25PE16 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
12
AT25PE16
DS-25PE16-143C–8/2018
buffer is reached, then the device will wrap around back to the beginning of the buffer. When using the default page size,
the page and buffer address bits correspond to a 21-bit logical address (A20-A0) in the main memory.
After all data bytes have been clocked into the device, a low-to-high transition on the CS pin will start the program
operation in which the device will program the data stored in Buffer 1 into the main memory array. Only the data bytes
that were clocked into the device will be programmed into the main memory.
Example:
If only two data bytes were clocked into the device, then only two bytes will be programmed into main
memory and the remaining bytes in the memory page will remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of eight bits); otherwise, the operation will be aborted and
no data will be programmed. The programming of the data bytes is internally self-timed and should take place in a
maximum time of tP (the program time will be a multiple of the tBP time depending on the number of bytes being
programmed). During this time, the RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
6.6
Read-Modify-Write
A completely self-contained read-modify-write operation can be performed to reprogram any number of sequential bytes
in a page in the main memory array without affecting the rest of the bytes in the same page. This command allows the
device to easily emulate an EEPROM by providing a method to modify a single byte or more in the main memory in a
single operation, without the need for pre-erasing the memory or the need for any external RAM buffers. The
Read-Modify-Write command is essentially a combination of the Main Memory Page to Buffer Transfer, Buffer Write, and
Buffer to Main Memory Page Program with Built-in Erase commands.
To perform a Read-Modify-Write using the optional DataFlash-L page size (528 bytes), an opcode of 58h for Buffer 1 or
59h for Buffer 2 must be clocked into the device followed by three address bytes comprised of 2 dummy bits, 12 page
address bits (PA11 - PA0) that specify the page in the main memory to be written, and 10 byte address bits (BA9 - BA0)
that designate the starting byte address within the page to reprogram.
To perform a Read-Modify-Write using the default page size (512 bytes), an opcode of 58h for Buffer 1 or 59h for Buffer
2 must be clocked into the device followed by three address bytes comprised of 3 dummy bits, 12 page address bits (A20
- A9) that specify the page in the main memory to be written, and 9 byte address bits (A8 - A0) designate the starting byte
address within the page to reprogram.
After the address bytes have been clocked in, any number of sequential data bytes from one to 512/528 bytes can be
clocked into the device. If the end of the buffer is reached when clocking in the data, then the device will wrap around
back to the beginning of the buffer. After all data bytes have been clocked into the device, a low-to-high transition on the
CS pin will start the self-contained, internal read-modify-write operation. Only the data bytes that were clocked into the
device will be reprogrammed in the main memory.
Example:
If only one data byte was clocked into the device, then only one byte in main memory will be reprogrammed
and the remaining bytes in the main memory page will remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of 8 bits); otherwise, the operation will be aborted and no
data will be programmed. The reprogramming of the data bytes is internally self-timed and should take place in a
maximum time of t
P. During this time, the RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location fails to
erase or program properly. If an erase or program error arises, it will be indicated by the EPE bit in the Status Register.
The Read-Modify-Write command uses the same opcodes as the Auto Page Rewrite command. If no data bytes are
clocked into the device, then the device will perform an Auto Page Rewrite operation. See the Auto Page Rewrite
command description on page 26 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com