Electronic Components Datasheet Search
  English  ▼

X  

PLL650-06 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL650-06
Description  Network LAN Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-06 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL650-06 Datasheet HTML 1Page - PhaseLink Corporation PLL650-06 Datasheet HTML 2Page - PhaseLink Corporation PLL650-06 Datasheet HTML 3Page - PhaseLink Corporation PLL650-06 Datasheet HTML 4Page - PhaseLink Corporation PLL650-06 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL650-06
Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 4
2. AC Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Frequency
10
25
27
MHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
@ 50% VDD
45
50
55
%
Max. Absolute Jitter
Short term
±150
ps
Max. Jitter, cycle to cycle
80
ps
3. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
VDD /2
V
Input Low Voltage
VIL
VDD /2
VDD /2 - 1
V
Input High Voltage
VIH
For all Tri-level input
VDD -0.5
V
Input Low Voltage
VIL
For all Tri-level input
0.5
V
Input High Voltage
VIH
For all normal input
2
V
Input Low Voltage
VIL
For all normal input
0.8
V
Output High Voltage
VOH
IOH = -25mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD -0.4
V
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±50
mA
Nominal output current*
Iout
CMOS output level
35
40
mA
Nominal output current*
Iout
TTL output level
20
25
mA
Internal pull-up resistor
Rup
Pins 5,7
60
k
Ω
Internal pull-up resistor
Rup
Pin 2
120
k
Ω
*: Output strengths are doubled (i.e. min. CMOS level is 70mA, typ. CMOS level is 80mA) on pin 6 (output for 75MHz or 66.6MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com