Electronic Components Datasheet Search
  English  ▼

X  

HMC500LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC500LP3
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC500LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC500LP3 Datasheet HTML 1Page - Analog Devices HMC500LP3 Datasheet HTML 2Page - Analog Devices HMC500LP3 Datasheet HTML 3Page - Analog Devices HMC500LP3 Datasheet HTML 4Page - Analog Devices HMC500LP3 Datasheet HTML 5Page - Analog Devices HMC500LP3 Datasheet HTML 6Page - Analog Devices HMC500LP3 Datasheet HTML 7Page - Analog Devices HMC500LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 34
GaAs HBT VECTOR
MODULATOR 1.8 - 2.2 GHz
v02.1109
HMC500LP3 / 500LP3E
General Description
Features
Functional Diagram
The
HMC500LP3(E)
is
a
high
dynamic
range
Vector Modulator RFICs which are targeted for RF
predistortion and feed-forward cancellation circuits,
as well as RF cancellation and beam forming amp-
litude/phase correction circuits. The I & Q ports of
the HMC500LP3(E) can be used to continuously vary
the phase and amplitude of RF signals by up to 360
degrees and 40 dB respectively, while supporting a
3 dB modulation bandwidth of 150 MHz. With an in-
put IP3 of +33 dBm and input noise floor of -152 dBm/
Hz (at -10 dB maximum gain setting), the input IP3/
noise floor ratio is 185 dB.
360° of Continuous Phase Control
Continuous Gain Control: 40 dB
-162 dBm/Hz Output Noise Floor
Input IP3: +33 dBm
16 Lead 3x3 mm SMT Package: 9mm2
Typical Applications
The HMC500LP3(E) is ideal for:
• Wireless Infrastructure HPA &
MCPA Error Correction
• Pre-Distortion or Feed-Forward Linearization
• PCS, GSM and W-CDMA Systems
• Beam Forming or RF Cancellation Circuits
Electrical Specifications, T
A = +25° C, Vcc = +8V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
1.8 - 2.2
GHz
Maximum Gain
-14
-10
dB
Gain Variation Over Temperature
0.012
0.02
dB / °C
Gain Flatness Across Any 60 MHz Bandwidth
0.15
dB
Gain Range
40
dB
Input Return Loss
17
dB
Output Return Loss
15
dB
Input Power for 1dB Compression (P1dB)
13
16
dBm
Input Third Order Intercept (IP3)
33
dBm
Output Noise
-162
dBm/Hz
Control Port Bandwidth (-3 dB)
150
MHz
Control Port Impedance
1.45k
Ohms
Control Port Capacitance
0.22
pF
Control Voltage Range
+0.5 to +2.5
Vdc
Group Delay Over 60 MHz Bandwidth
20
ps
Supply Current (Icq)
90
mA
Unless otherwise noted, measurements are made @ max. gain setting and 45˚ phase setting.
See application circuit for details.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC500LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3 Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC500LP3E HITTITE-HMC500LP3E Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC500LP3E HITTITE-HMC500LP3E Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
More results

Similar Description - HMC500LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC631LP3 HITTITE-HMC631LP3 Datasheet
284Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com