Electronic Components Datasheet Search
  English  ▼

X  

MAX3535E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3535E
Description  Center-Tapped, Full-Wave Rectifier Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3535E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3535E Datasheet HTML 1Page - Maxim Integrated Products MAX3535E Datasheet HTML 2Page - Maxim Integrated Products MAX3535E Datasheet HTML 3Page - Maxim Integrated Products MAX3535E Datasheet HTML 4Page - Maxim Integrated Products MAX3535E Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
reduced to +3.6V to +5.5V. Other changes to the trans-
former turns ratio may be possible to suit the exact
needs of the application. Refer to the MAX3535E IC
data sheet for more information. Contact HALO
Electronics to obtain a TGM-350NA transformer.
Smaller Transformer and 2kV Isolation Design
The transformer (T1) is an integral part of the dielectric-
withstand voltage of the EV kit circuit. The MAX3535E
IC is guaranteed to withstand 2500VRMS for one minute
(min). However, the circuit uses an isolated transformer
to transfer power from the primary side to the sec-
ondary side. The withstand voltage of the transformer,
as well as the MAX3535E, must be considered when
designing and testing the EV kit circuit. For example, if
less than 3kV isolation is needed, a smaller 2kV trans-
former can be used to save board area, but the entire
circuit will have only 2kV of isolation.
MAX3535E Evaluation Kit
4
_______________________________________________________________________________________
Figure 1. MAX3535E EV Kit Schematic
T1
D1
VCC2
3
2
1
4
5
6
2
1
3
14
16
3
2
VCC2
VCC2
ST2
ST1
VCC2
C4
0.1µF
C3
10µF
R1
OPEN
A
A
A
Y
R2
OPEN
B
B
A
17
18
R02
SGND
VCC2
VCC2
R02
SLO
15
13
B
Y
1
2
JU3
B
Z
12
Z
1
1
2
2
JU4
JU2
TP2
SGND
TP1
GND
GND2
GND1
411
C1
10µF
C2
0.1µF
1
VCC1
25
DI
DI
26
27
DE
RE
DE
VCC1
VCC1
VCC1
VCC1
GND
VCC1
R3
100kΩ
R4
100kΩ
JU1
1
2
3
28
RO1
RO1
RE
U1
MAX3535E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com