Electronic Components Datasheet Search
  English  ▼

X  

MAX11635 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11635
Description  Windows XP-, Windows Vista-, and Windows 7-Compatible Software
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11635 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11635 Datasheet HTML 1Page - Maxim Integrated Products MAX11635 Datasheet HTML 2Page - Maxim Integrated Products MAX11635 Datasheet HTML 3Page - Maxim Integrated Products MAX11635 Datasheet HTML 4Page - Maxim Integrated Products MAX11635 Datasheet HTML 5Page - Maxim Integrated Products MAX11635 Datasheet HTML 6Page - Maxim Integrated Products MAX11635 Datasheet HTML 7Page - Maxim Integrated Products MAX11635 Datasheet HTML 8Page - Maxim Integrated Products MAX11635 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
DESIGNATION
QTY
DESCRIPTION
AIN0–AIN15
16
Yellow multipurpose test points
C1, C4
2
1FF Q10%, 10V X5R ceramic
capacitors (0402)
Murata GRM155R61A105K
C2, C3
2
10FF Q20%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106M
C5, C6, C7,
C12
4
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C8–C11
0
Not installed, ceramic capacitors
(0603)
C14–C29
16
0.01FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C103K
C30, C31, C32
3
0.1FF Q10%, 16V X7R ceramic
capacitors (0402)
Murata GRM155R71C104K
D1
1
Red LED (0603)
GND
2
Black multipurpose test points
DESIGNATION
QTY
DESCRIPTION
J1
1
20-pin (2 x 10) right-angle female
header
J2, J3
2
Dual-row, 16-pin (2 x 8) headers
JU1, JU2, JU4
3
3-pin headers
R1
1
470I Q5% resistor (0603)
R3–R18
16
10I Q5% resistors (0603)
REF, VDD
2
Red multipurpose test points
SW1, SW2
2
8-channel SPST DIP switches
U1
1
12-bit, 16-channel ADC
(24 QSOP)
Maxim MAX11633EEG+
U2
1
Voltage reference (8 SO)
Maxim MAX6126AASA25+
U3
0
Not installed, voltage reference
(8 SO)
U4
1
Level translator (24 TSSOP)
Maxim MAX3002EEUP+
—
3
Shunts
—
1
PCB: MAX11633 EVALUATION
KIT
DESIGNATION
QTY
DESCRIPTION
AIN0–AIN3
4
Yellow multipurpose test points
C1, C4
2
1FF Q10%, 10V X5R ceramic
capacitors (0402)
Murata GRM155R61A105K
C2, C3
2
10FF Q20%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106M
DESIGNATION
QTY
DESCRIPTION
C5, C6, C7,
C12, C18
5
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C8–C11
0
Not installed, ceramic capacitors
(0603)
C14–C17
4
0.01FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C103K
DESIGNATION
QTY
DESCRIPTION
SW1, SW2
2
8-channel SPST DIP switches
U1
1
12-bit, 16-channel ADC
(24 QSOP)
Maxim MAX1231BEEG+
U2
1
Voltage reference (8 SO)
Maxim MAX6126AASA25+
DESIGNATION
QTY
DESCRIPTION
U3
0
Not installed, voltage reference
(8 SO)
U4
1
Level translator (24 TSSOP)
Maxim MAX3002EEUP+
—
3
Shunts
—
1
PCB: MAX1231B EVALUATION
KIT
Evaluate: MAX1030/MAX1031/MAX1230/
MAX1231/MAX11624/MAX11625/
MAX11632–MAX11635/MAX11642/MAX11643
MAX1231B/MAX11633/MAX11635 Evaluation Systems
_________________________________________________________________ Maxim Integrated Products 4
Component Lists (continued)
MAX11633 EV Kit Daughter Board
MAX11635 EV Kit Daughter Board
MAX1231B EV Kit Daughter Board (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com