Electronic Components Datasheet Search
  English  ▼

X  

PSM58X Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PSM58X
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PSM58X Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PSM58X Datasheet HTML 1Page - Pepperl+Fuchs Inc. PSM58X Datasheet HTML 2Page - Pepperl+Fuchs Inc. PSM58X Datasheet HTML 3Page - Pepperl+Fuchs Inc. PSM58X Datasheet HTML 4Page - Pepperl+Fuchs Inc. PSM58X Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Multiturn absolute encoder
PSM58X
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
2
Indicating and operating elements
Termination resistor
Supply voltage
RS 485 interface
Supply voltage
Bus IN
Data line A
Data line B
Bus Out
Data line A
Data line B
Addressing
ON
T
A
B
A
B
-
x10
x1
+-
+
8
7
2
6 5 4
3
0
9
1
8
7
2
6 5 4
3
0
9
1
R
Error indicator
LED red
Status indicator
LED green
Adjusting the participant address
The participant address can be adjusted with the rotary switches. The address can be defined between 1 and 99, and may
only be assigned once.
Adjusting the termination resistor
The terminating resistor RT (220 Ω) can be connected to the circuit by means of the switch:
LED-indicators
LED red
LED green
Meaning
off
off
No voltage supply
on
on
Encoder ready, no configuration data received.
possible reasons:
- wrong address adjusted
- wrong bus wiring
on
flashing
Parameterising or configuration error. Encoder receives data of incorrect length or inconsistant data.
possible reason:
- adjusted encoder resolution exceeds
flashing
on
Encoder ready, no communication with master (i.e. wrong address setting)
on
off
Data timeout (> 40 s). (i.e. data lines interrupted)
off
on
Normal operation, Data Exchange Mode
off
flashing
Installation Mode in Data Exchange Mode.
x10
x10
x1
x1
8
7
2
6 5 4
3
0
9
1
8
7
2
6 5 4
3
0
9
1
ON
RT
ON
RT
OFF
OFF
participant X
last participant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com