Electronic Components Datasheet Search
  English  ▼

X  

ATMX150RHA Datasheet(PDF) 4 Page - Microchip Technology

Part # ATMX150RHA
Description  Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMX150RHA Datasheet(HTML) 4 Page - Microchip Technology

  ATMX150RHA Datasheet HTML 1Page - Microchip Technology ATMX150RHA Datasheet HTML 2Page - Microchip Technology ATMX150RHA Datasheet HTML 3Page - Microchip Technology ATMX150RHA Datasheet HTML 4Page - Microchip Technology ATMX150RHA Datasheet HTML 5Page - Microchip Technology ATMX150RHA Datasheet HTML 6Page - Microchip Technology ATMX150RHA Datasheet HTML 7Page - Microchip Technology ATMX150RHA Datasheet HTML 8Page - Microchip Technology ATMX150RHA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
1.
Overview
The ATMX150RHA Design Manual, available from your Microchip technical center, provides the information and
flows necessary to design a mixed-signal ASIC for space applications. Users can be trained on Microchip-specific or
standard commercial tool kits and methodological details for actual implementations.
This offering is CMOS-technology-based, specified with 5/3.3/2.5V and HV 25-45V ranges for the periphery. Core is
supplied at 1.8V.
ATMX150RHA is manufactured on a 150nm, five-metal-layers SOI CMOS with Thick Metal technology option -
AT77KRHA, a Microchip proprietary process. The digital ATMX150RHA is qualified under the QML-V, QML-Q, and
ESCC QML. The domain of qualification covers the main features as follows.
• Comprehensive library of standard logic and I/O cells
• Memory Cells Compiled (ROM, SRAM, DPRAM, and Register File Memory)
• 450 MHz PLL (PLL400MRHA)
• Up to 22 usable Mgates (equivalent NAND2)
• Operating voltage 1.8±0.15V for the core and 5V±0.5V, 3.3±0.3V, 2.5±0.2V for the periphery
• High-speed LVDS buffers 655 Mbps in compliance with the TIA/EIA-644-A standard
• PCI buffers
• Set of analog blocks
• No single event latch-up below an LET threshold of 78 MeV.cm2/mg at 125°C
• SEU-hardened flip-flops
• TID test up to 150 krads (Si) for 1.8V and 3.3V devices, and 90 krads (Si) for 5V according to MIL-STD 883
TM1019
• CCGA, CLGA, and CQFP qualified package catalog
ATMX150RHA
Overview
© 2021 Microchip Technology Inc.
Datasheet
DS60001543C-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com