Electronic Components Datasheet Search
  English  ▼

X  

ATWILC3000A Datasheet(PDF) 39 Page - Microchip Technology

Part # ATWILC3000A
Description  Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATWILC3000A Datasheet(HTML) 39 Page - Microchip Technology

Back Button ATWILC3000A Datasheet HTML 35Page - Microchip Technology ATWILC3000A Datasheet HTML 36Page - Microchip Technology ATWILC3000A Datasheet HTML 37Page - Microchip Technology ATWILC3000A Datasheet HTML 38Page - Microchip Technology ATWILC3000A Datasheet HTML 39Page - Microchip Technology ATWILC3000A Datasheet HTML 40Page - Microchip Technology ATWILC3000A Datasheet HTML 41Page - Microchip Technology ATWILC3000A Datasheet HTML 42Page - Microchip Technology ATWILC3000A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
The following table provides the SDIO Client timing parameters for the ATWILC3000A.
Table 9-10. SDIO Client Timing Parameters
Parameter
Symbol
Min.
Max.
Units
Clock Input Frequency(1)
fPP
—
50
MHz
Clock Low Pulse Width
tWL
6
—
ns
Clock High Pulse Width
tWH
7
—
Clock Rise Time
tLH
0
5
Clock Fall Time
tHL
0
5
Input Setup Time
tISU
6
—
Input Hold Time
tIH
8
—
Output Delay(2)
tODLY
3
11
Notes: 
1.
Maximum clock frequency specified is limited by the SDIO Client interface internal design; actual maximum
clock frequency can be lower and depends on the specific PCB layout.
2.
Timing based on 15 pF output loading.
ATWILC3000A
Electrical Characteristics
© 2015-2021 Microchip Technology Inc.
Datasheet
DS70005427B-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com