Electronic Components Datasheet Search
  English  ▼

X  

1627113 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1627113
Description  AC charging cable - EV-TCM3PC-1AC16A-4,0M2,5ESBK00
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1627113 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1627113 Datasheet HTML 1Page - PHOENIX CONTACT 1627113 Datasheet HTML 2Page - PHOENIX CONTACT 1627113 Datasheet HTML 3Page - PHOENIX CONTACT 1627113 Datasheet HTML 4Page - PHOENIX CONTACT 1627113 Datasheet HTML 5Page - PHOENIX CONTACT 1627113 Datasheet HTML 6Page - PHOENIX CONTACT 1627113 Datasheet HTML 7Page - PHOENIX CONTACT 1627113 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/1627113
08/30/2021   Page 1 / 8
AC charging cable - EV-TCM3PC-1AC16A-4,0M2,5ESBK00 - 1627113
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
CHARX connect, Mobile AC charging cable with vehicle charging connector and infrastructure charging plug,
with protective caps, Housing color black-gray, For charging electric vehicles (EV) with alternating current
(AC) via GB/T vehicle charging inlets, compatible with type 2 infrastructure charging sockets at charging
stations for electromobility (EVSE), GB/T, Type 2, GB/T 20234.2-2015, IEC 62196-2, 16 A / 250 V (AC), D-Line,
“PHOENIX CONTACT” logo, cable: 4 m, black, straight
Product Description
Mobile AC charging cable with vehicle connector and infrastructure plug for charging electric vehicles (EV) with alternating current (AC), via a GB/T
vehicle inlet, compatible with type 2 infrastructure socket outlets at charging stations (EVSE)
Your advantages
 Consistent design of all Phoenix Contact Vehicle Connectors and Infrastructure Plugs
 Silver-plated surface of the power and signal contacts
 Developed and produced in accordance with the IATF 16949 automotive standard and ISO 9001
 Convenient handling, thanks to the ergonomic handle and additional, rubber grip components
Key Commercial Data
Packing unit
1
GTIN
GTIN
4055626298269
Custom tariff number
85444290
Technical data
Product definition
Type
Mobile AC charging cable
with vehicle charging connector and infrastructure charging plug
with protective caps
Housing color black-gray


Similar Part No. - 1627113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162711 FESTO-162711 Datasheet
69Kb / 1P
Filter regulator
logo
Weidmuller
1627110000 WEIDMULLER-1627110000 Datasheet
566Kb / 7P
SLS 5.08/04/180 SN OR BX
More results

Similar Description - 1627113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623909 PHOENIX-1623909 Datasheet
367Kb / 8P
AC charging cable - EV-TAG3PK-1AC32A-4,0M6,0ESBK01
1628201 PHOENIX-1628201 Datasheet
384Kb / 8P
AC charging cable - EV-T2G3PC-3AC32A-10M6,0ESBK01
1247578 PHOENIX-1247578 Datasheet
386Kb / 9P
AC charging cable - EV-T2G3PC-3AC20A-5,0M2,5ESYE11
1627133 PHOENIX-1627133 Datasheet
427Kb / 10P
AC charging cable - EV-T2G3PC-1AC32A-4,0M6,0EHBK01
1628041 PHOENIX-1628041 Datasheet
452Kb / 10P
AC charging cable - EV-T2G3PC-1AC20A-6,0M2,5ESBK01
1623509 PHOENIX-1623509 Datasheet
162Kb / 9P
AC charging cable - EV-T2G3PC-3AC32A-4,0M6,0ESBK01
09/11/2020
1627692 PHOENIX-1627692 Datasheet
162Kb / 9P
AC charging cable - EV-T2G3PC-3AC32A-5,0M6,0ESBK01
09/11/2020
1628020 PHOENIX-1628020 Datasheet
478Kb / 9P
AC charging cable - EV-TAG3PK-1AC20A-4,0M2,5EHBK01
02/11/2022
1628115 PHOENIX-1628115 Datasheet
120Kb / 8P
AC charging cable - EV-T2G3P-1AC32A-1,5M6,0ESBK01
09/12/2020
1628210 PHOENIX-1628210 Datasheet
168Kb / 11P
AC charging cable - EV-TAG3PK-1AC32A-10M6,0ESBK01
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com