Electronic Components Datasheet Search
  English  ▼

X  

LPMB405 Datasheet(PDF) 21 Page - Pulse A Technitrol Company

Part # LPMB405
Description  2X LTE, 2XWiFi Vehicular Antenna
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LPMB405 Datasheet(HTML) 21 Page - Pulse A Technitrol Company

Back Button LPMB405 Datasheet HTML 17Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 18Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 19Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 20Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 21Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 22Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 23Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 24Page - Pulse A Technitrol Company LPMB405 Datasheet HTML 25Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Issue: 1922
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 2X LTE, 2XWiFi Vehicular
Antenna
PART NUMBER: LPMB40X
Series: Low Profile MB
CHARTS
21
Situation 2: Performance on 1 inch bracket
with
ϕ500mm(19.7inch) ground
Note : Measured on 500mm ground plane with 3m cable
LTE 1& LTE 2 VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com