Electronic Components Datasheet Search
  English  ▼

X  

12460 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 12460
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

12460 Datasheet(HTML) 1 Page - Festo Corporation.

  12460 Datasheet HTML 1Page - Festo Corporation. 12460 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MDH-5/3E-3/4-D-4-24DC
Part number: 12460
Data sheet
Feature
Value
Valve function
5/3, exhausted
Actuation type
Electrical
Width
76 mm
Standard nominal flow rate
4800 l/min
Pneumatic working port
Sub-base, size 4 as per ISO 5599-1
G3/4
Operating voltage
24V DC
Operating pressure
3 bar ... 16 bar
Design
Piston gate valve
Reset method
Mechanical spring
Degree of protection
IP65
Nominal width
18 mm
Width dimension
82 mm
Type code
MDH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Non-detenting
ISO code
457
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991082
Lap
Overlap
Switching time off
290 ms
On switching time
85 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
4300 µs
Max. negative test pulse on 1 signal
2100 µs
Coil characteristics
24 V DC: 6.8 W
48 V AC: 50/60 Hz, initial power 14.5 VA, holding power 9.9 VA
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Noise level
85 dB(A)
9/16/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 12460

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124602 ADELS-124602 Datasheet
117Kb / 2P
500 SKT II/ 2
124603 ADELS-124603 Datasheet
118Kb / 2P
500 SKT II/ 3
124604 ADELS-124604 Datasheet
118Kb / 2P
500 SKT II/ 4
124605 ADELS-124605 Datasheet
119Kb / 2P
500 SKT II/ 5
124606 ADELS-124606 Datasheet
146Kb / 2P
500 SKT II/ 6
More results

Similar Description - 12460

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com